PART |
Description |
Maker |
STR710FZ2H6 STR711FR2H6 STR710FZ1 STR710FZ1H6 STR7 |
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN, 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM-Based Flash microcontrollers with USB and CAN ARM7TDMI-S™ 32-BIT MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM-Based Flash microcontrollers with CAN
|
ST Microelectronics
|
LPC11A11FHN33 LPC11A14FHN33 LPC11A12FHN33 |
32-bit ARM Cortex-M0 microcontroller??kB flash, 2kB SRAM, HVQFN32 package 32-bit ARM Cortex-M0 microcontroller??2kB flash, 8kB SRAM, HVQFN32 package 32-bit ARM Cortex-M0 microcontroller??6kB flash, 4kB SRAM, HVQFN32 package
|
NXP Semiconductors N.V.
|
STM32F103B STM32F1038 STM32F103V8 CD00161566 STM32 |
Mainstream Performance line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN Mainstream Performance line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN nullMedium-density performance line ARM-based 32-bit MCU Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
|
ST Microelectronics STMicroelectronics
|
LPC2290 LPC2290FBD144 |
16/32-bit ARM microcontrollers with CAN, 10-bit ADC and external memory interface
|
PHILIPS[Philips Semiconductors]
|
LPC4370FET100 |
32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
|
NXP Semiconductors
|
LPC2214 LPC2214FBD144 LPC2212 LPC2212FBD144 |
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
|
PHILIPS[Philips Semiconductors]
|
STM32F101X608 |
Access line, advanced ARM-based 32-bit MCU with Flash memory, six 16-bit timers, ADC and seven communication interfaces
|
STMicroelectronics
|
CD00191174 STM32F101RET6 STM32F101VET6 STM32F101ZE |
Mainstream Access line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 36 MHz CPU High-density access line, ARM-based 32-bit MCU Mainstream Access line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 36 MHz CPU
|
STMicroelectronics ST Microelectronics
|
LPC810M021FN8 LPC811M001JDH16 LPC812M101JD20 LPC81 |
32-bit ARM? Cortex?-M0 microcontroller
|
NXP Semiconductors
|
LPC54113J128BD64 LPC54113J256BD64 LPC54113J256UK49 |
32-bit ARM Cortex-M4/M0 MCU
|
NXP Semiconductors
|