PART |
Description |
Maker |
IDT72235LB IDT72205LB IDT72225LB IDT72215LB IDT722 |
4K x 18 SyncFIFO, 5.0V 2K x 18 SyncFIFO, 5.0V 1K x 18 SyncFIFO, 5.0V 512 x 18 SyncFIFO, 5.0V 256 x 18 SyncFIFO, 5.0V CMOS SyncFIFO? Low Voltage 28-Bit Flat Panel Display Link Serializers; Package: TSSOP; No of Pins: 56; Container: Tape & Reel TUBING, TFE 20GA TUBE, THN, TEF, NAT, 24AWG 256 X 18 OTHER FIFO, 10 ns, PQFP64 PLASTIC, TQFP-64 256 X 18 OTHER FIFO, 15 ns, PQFP64 PLASTIC, TQFP-64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 256 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 512 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 4K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 的CMOS SyncFIFOO 256 × 1812 × 18024 × 18048 × 18096 × 18 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 6.5 ns, PQCC68 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 6.5 ns, PQFP64
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Cypress Semiconductor, Corp. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technolog...
|
IDT72421 IDT72201L10JI IDT72201L10PFI IDT72201L15J |
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 的CMOS SyncFIFOO 64 × 956 × 912 × 9024 × 9048 × 9096 × 9 Dual High Output Current Operational Amplifier 8-TSSOP -40 to 85 SerDes 22-Bit Bi-Directional Serializer/Deserializer; Package: MLP; No of Pins: 40; Container: Tape & Reel 8K x 9 SyncFIFO, 5.0V 2K x9 SyncFIFO, 5.0V 4K x 9 SyncFIFO, 5.0V 512 x 9 SyncFIFO, 5.0V 256 x 9 SyncFIFO, 5.0V
|
Integrated Device Techn... Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC IDT
|
IDT72V205L15TF IDT72V225L15TF IDT72V235L15TF |
3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
|
Integrated Device Techn...
|
72V3611L15PFG8 |
3.3 VOLT CMOS SyncFIFO
|
Integrated Device Techn...
|
IDT72V36104 IDT72V36103 IDT72V3694 IDT72V3693 |
3.3 VOLT CMOS SyncBiFIFO? 3.3 VOLT CMOS SyncFIFO?
|
IDT
|
IDT72V3663 IDT72V3653 72V3653-73_DS |
3.3 VOLT CMOS SyncFIFO? From old datasheet system
|
IDT
|
IDT72V36103L10PF IDT72V36103L15PF IDT72V3693L15PF |
3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
|
IDT[Integrated Device Technology]
|
IDT72211L35L IDT72201L20J IDT72201L50JB IDT72211L5 |
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
|
Integrated Device Technology Integrated Device Techn...
|
IDT72605L50J IDT72605L50J8 IDT72615L50J IDT72605L5 |
256 x 18 x 2 Bi-Directional SyncFIFO, 5.0V 512 x 18 x 2 Bi-Directional SyncFIFO, 5.0V
|
IDT
|
AM29LV400B AM29LV400BB120EC AM29LV400BB120ECB AM29 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory FEEDTHRU CAPACITOR, 47PF 3A 100VFEEDTHRU CAPACITOR, 47PF 3A 100V; Capacitance:0.047nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Temp, op. Ceramic Multilayer Capacitor; Capacitance:470pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:1206; Series:W3F; Leaded Process Compatible:Yes Am29LV400B KGD (Known Good Die Supplement) INNOLINE: High Voltage Input Series - For Telecom DSM, XDSL, Aplication- Internal Pi Filter- Multi-Outputs- Overcurrent Protection- High Efficiency to 80% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12x 8-Bit/256x 16位).0伏的CMOS只引导扇区闪 CAP CERM 2.2UF 4V X7R 0612 20% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 70 ns, PDSO48
|
http:// AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. Electronic Theatre Controls, Inc.
|
723631L15PQF9 IDT723641L15PF8 IDT723641L15PQF IDT7 |
512 x 36 SyncFIFO, 5.0V 2K x 36 SyncFIFO, 5.0V 1K x 36 SyncFIFO, 5.0V 512 X 36 OTHER FIFO, 11 ns, PQFP132 PLASTIC, QFP-132
|
IDT INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc.
|
AM29LV400B100WACB AM29LV400B150WACB AM29LV400B90RW |
4 Megabit (512 K x 8-bit/256 K x 16-bit) CMOS 3.0 volt-only boot sector flash memory, 100ns 4 Megabit (512 K x 8-bit/256 K x 16-bit) CMOS 3.0 volt-only boot sector flash memory, 150ns 4 Megabit (512 K x 8-bit/256 K x 16-bit) CMOS 3.0 volt-only boot sector flash memory, 90ns
|
Advanced Micro Devices
|
|