PART |
Description |
Maker |
GF1004M |
102mm, square frame, 6.0W, mylar cone Speaker
|
List of Unclassifed Manufacturers
|
ICX413AQ |
Diagonal 28.40mm(Type 1.8) Frame Readout CCDImage Sensor with Square Pixel for Color Cameras 方形对角线二十八点四○毫米像素(180型)CCDImage传感器读出帧彩色摄像 Diagonal 28.40mm (Type 1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
|
Opto 22 Sony Corporation
|
AT71201M DOC5328 AT71201MCRER AT71201MCREN |
Atmels AT71201M is a full-frame sensor based on charge-coupled device (CCD) technology From old datasheet system Square Full Frame CCD of 4096 x 4096 elementary pixels 11 x 11 µm(2) size.
|
ATMEL[ATMEL Corporation]
|
GF1004M |
Square frame mylar cone - ferrite magnet
|
CUI INC
|
ICX434AQ |
Diagonal 5.68mm(Type 1/3.2) Frame Readout CCD Diagonal 5.68mm (Type 1/3.2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
|
SONY[Sony Corporation]
|
ICX252AQF |
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
|
SONY[Sony Corporation]
|
GA1006 |
Square frame paper cone - alnico magnet
|
CUI INC
|
84B2D-B20-J06 84D2D-B20-J06 84A2D-B20-J10L 84A2D-B |
83/84 - 5/8 Square 10-Turn 83/84 - 5/8 Square 10-Turn 84分之83 - 5日方10 83/84 - 5/8 Square 10-Turn 84分之83 - 58日方10
|
Bourns Inc. Bourns, Inc.
|
HM530281 HM530281TT HM530281TT-20 HM530281TT-25 HM |
331776 WORD X 8 BIT FRAME MEMORY 331,776 WORD X 8 BIT FRAME MEMORY
|
HITACHI[Hitachi Semiconductor]
|
16-279689D 16-279666 16-279967 16-279968 16-279970 |
"PANEL MOUNT 19"" 1U "COVER TRIM 19"" 3U Inhalt pro Packung: 2 Stk. EUROCARD INNER FRAME 2U EUROCARD INNER FRAME 3U "PANEL MOUNT 19"" 2U EUROCARD INNER FRAME 1U PANEL REAR 3UX10.5 INCH 5V/3.3V/3V or Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Controllers PANEL REAR 2UX10.5 INCH "COVER TRIM 19"" 1U Inhalt pro Packung: 2 Stk. CORNER TRIM 1U PK2 CASE 19 INCH 2U HIGH 72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET 案例10.5INCH 2U
|
ON Semiconductor
|