PART |
Description |
Maker |
MM-0787-80B |
Operating Voltage = 250/480 V~, 50 / 60 Hz Operating Voltage = 125/208 V~, 50 - 400 Hz
|
JMK Inc.
|
LL-1138-10 LL-1138-15 |
Operating Voltage = 250/480 V~, 50 / 60 Hz Operating Voltage = 125/208 V~, 50 - 400 Hz
|
JMK Inc.
|
ZF-1543-3.5B |
Operating Voltage = 115 / 250 VAC Operating Current = 3.5 Ampere
|
JMK Inc.
|
LL-0221-30 |
Operating Voltage = 115-250 Vac Operating Current = 30 Amperes
|
JMK Inc.
|
KK-0902-20-30 |
Operating Voltage = 250/480 Vac 3 PH Wye Operating Current Max= 20 & 30 amps
|
JMK Inc.
|
EF-0720-8 |
Operating Voltage = 115/250 V~ Operating Current = 8 Amps
|
JMK Inc.
|
ZC-1072-10 |
Operating voltage = 125 v~ Operating current (max) = 10 amperes
|
JMK Inc.
|
HS2264 HS2155 HS2153 HS2265 HS2160 HS2154 HS2261 H |
Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-11 Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 30; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-45 Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Contact Mating Area Plating: Gold; Operating Temperature Range (degrees C Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-45 Peripheral IC 外围芯片
|
Thomas
|
1241.7236.1117000 |
Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
|
Schurter Inc.
|
3-101-015 3-101-014 3-101-012 1241.6833.1111000 12 |
Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
|
Schurter Inc.
|
MM-0637A-60D |
Operating Voltage = 48 Vdc (Typical) Operating Voltage Max. = 0-75Vdc
|
http://
|
MM-0637A-50D |
Operating Voltage = 48 Vdc (Typical) Operating Voltage Max. = 0-75Vdc
|
http://
|