PART |
Description |
Maker |
BT136 BT136-500 BT136-500F BT136-500G BT136-600 BT |
Triacs(双向可控 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA212-600B BTA212B-500C BTA212B-600B BTA212B-600C |
Transient Voltage Suppressor Diodes Three quadrant triacs high commutation(三象限双向高换向可控 Three quadrant triacs guaranteed commutation
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
UDN-5711M UDN-5713M UDN-5710MSERIES |
STANDARD 4A TRIAC 双外围驱动器 4A TRIACS 双外围驱动器 40A TRIACS 双外围驱动器
|
Avago Technologies, Ltd.
|
BTA204-600E BTA204SERIESDEANDF BTA204SERIESD.EANDF |
Three quadrant triacs high commutation(三象限双向高换向可控 Three quadrant triacs guaranteed commutation
|
PHILIPS[Philips Semiconductors]
|
BTA216BSERIESB BTA216B-500B |
Triacs high commutation Three quadrant triacs high commutation(三象限双向高换向可控 Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V.
|
MAC320-10 MAC320-4 MAC320-6 MAC320-8 MAC320A10 MAC |
TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 200 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 600 V, 20 A, TRIAC, TO-220AB RF/Coaxial Connector; RF Coax Type:MMCX; Impedance:50ohm; Body Style:Straight Plug; Frequency Max:6GHz; Mounting Type:Edge Card; Voltage Rating:170V RoHS Compliant: Yes 800 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 800 V, 20 A, TRIAC, TO-220AB
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
BT136B BT136B-500 BT136B-500F BT136B-500G BT136B-6 |
Transient Voltage Suppressor Diodes 双向可控 Triacs 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA208S BTA208S-800B BTA208S-800C BTA208S-800F BTA |
Three quadrant triacs guaranteed commutation Three quadrant triacs high commutation
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BT137X-600F BT137X-800 BT137X BT137X-800E BT137X-8 |
DIODE ZENER SINGLE 150mW 7.5Vz 5mA-Izt 0.0604 1uA-Ir 5 SOT-523 3K/REEL 500 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC Octal Buffers and Line Drivers with 3-State Outputs 20-LCCC -55 to 125 Triacs logic level Triacs sensitive gate TRIAC|600VV(DRM)|8AI(T)RMS|SOT-186A
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MAC4DSM-001G MAC4DSN-001G |
Triacs Silicon Bidirectional Thyristors 600 V, 4 A, TRIAC Triacs Silicon Bidirectional Thyristors 800 V, 4 A, TRIAC
|
ON Semiconductor
|