PART |
Description |
Maker |
BTA312B-800E |
3Q Hi-Com Triac BTA312B-800E<SOT404 (D2PAK)|<<http://www.nxp.com/packages/SOT404.html<1<,;
|
NXP Semiconductors N.V.
|
CQ202-4M CQ202-4N CQ202-4D CQ202-4B |
TRIAC|200V V(DRM)|4A I(T)RMS|TO-202 可控硅| 200伏五(DRM)的| 4A条口T)的有效值|02 TRIAC|400V V(DRM)|4A I(T)RMS|TO-202 From old datasheet system 4.0 AMP TRIAC 600 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Unisonic Technologies Co., Ltd. Central Semiconductor Corp.
|
NTE56010 NTE56004 NTE56006 NTE56008 NTE56009 |
(NTE56004 - NTE56010) TRIAC / 15 Amp TRIAC, 15 Amp 200 V, 15 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220
|
NTE[NTE Electronics]
|
SC245D-245 SC245B-242 SC265M-252 |
400 V, 10 A, TRIAC, TO-3 200 V, 10 A, TRIAC 600 V, 40 A, TRIAC
|
SEMITRONICS CORP
|
MAC228A MAC228A10 MAC228A10G MAC228A4 MAC228A6 MAC |
TRIAC 8A 600V TRIAC 8A 400V TRIAC 8A 200V
|
ON Semiconductor
|
BTA40A BTA40B 2939 BTA40-400B BTA40-400A BTA40-600 |
Standard triac, 40Ampere, 800V Standard triac, 40Ampere, 700V Standard triac, 40Ampere, 600V Standard triac, 40Ampere, 400V From old datasheet system STANDARD TRIACS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
Q6004L4V Q6008L5V Q6015L5V Q6004L3V Q6010L5V Q5008 |
TRIAC|600V V(DRM)|4A I(T)RMS|TO-220AB TRIAC|600V V(DRM)|8A I(T)RMS|TO-220AB TRIAC|600V V(DRM)|15A I(T)RMS|TO-220AB TRIAC|600V V(DRM)|10A I(T)RMS|TO-220AB TRIAC|500V V(DRM)|8A I(T)RMS|TO-220AB 可控硅| 500V五(DRM)的| 8A条口(T)的有效值| TO - 220AB现有 TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB 可控硅| 800V的五(DRM)的| 8A条口T)的有效值| TO - 220AB现有 TRIAC|400V V(DRM)|4A I(T)RMS|TO-220AB 可控硅| 400V五(DRM)的| 4A条口(T)的有效值| TO - 220AB现有
|
Teridian Semiconductor, Corp. Littelfuse, Inc.
|
8AS-12 BCR20B-8 BCR25A-8 |
600 V, 0.8 A, TRIAC 400 V, 20 A, TRIAC TRIGGER OUTPUT SOLID STATE RELAY
|
|
CQ48-35B CQ48-35D CQ48-35M CQ48-35N |
35 AMP TRIAC 200 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Central Semiconductor Corp.
|
CQ92-2M CQ92-2N |
TRIAC 2.0 AMP, 600 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Central Semiconductor Corp.
|
CQ220I-8BR CQ220I-8MR CQ220I-8NR CQ220I-8DR |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 8.0AMP, 200 THRU 800 VOLTS
|
Central Semiconductor Corp
|
IS6010X IS6005X IS6015 IS6015X IS6015-G |
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
ISOCOM COMPONENTS Panasonic Semiconductor ISOCOM COMPONENTS LTD
|