PART |
Description |
Maker |
6320 |
Two Bantam Plugs To RJ45 / RJ48
|
Pomona Electronics
|
N030-100 |
RJ45 Plugs for Round Solid / Stranded Conductor 4-pair Cat5e Cable, 100-Pack
|
Tripp Lite. All Rights ...
|
MICRORAM URAM2H21 URAM2C21 URAM3TS3 URAM2C11 URAM2 |
Output Ripple Attenuation Module Temperature Range:-40 C to 85 C; Capacitance:4700uF RoHS Compliant: Yes O-RING, METALOK BANTAM; Temp, op. max:125(degree C); Temp, op. min:-55(degree C); Series:METALOK BANTAM Output Ripple Attenuation Module 输出纹波衰减模块 Crimp Socket Contact; Wire Size (AWG):28; Contact Size:16; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes
|
VICOR[Vicor Corporation] Vicor, Corp.
|
6517 |
BNC to Bantam Cable
|
Pomona Electronics
|
4280N |
Bantam Miniature Phone Plug
|
Pomona Electronics
|
2832603 |
Ethernet switch, 4 TP RJ45 ports, 3 FO ports, 100 Mbps full duplex in ST-D format, automatic detection of data transmission speed of 10 or 100 Mbps (RJ45), auto crossing function
|
PHOENIX CONTACT
|
44242-0001 44242-0002 44242-0003 44242-0004 44242- |
Micro-Fit 3.0垄芒 Test Plugs Won隆炉t Damage Mating Contact Micro-Fit 3.0 Test Plugs Won’t Damage Mating Contact
|
Molex Electronics Ltd.
|
561-0875KOP 561-1093KOP |
Knock Out Plugs
|
List of Unclassifed Man...
|
561-50BM14B 561-75BG11 |
Hole Plugs
|
List of Unclassifed Man...
|
PR-002A |
DC POWER PLUGS
|
CUI INC
|