PART |
Description |
Maker |
310-025103-011 |
Filtered Low Noise Amplier
|
Spectrum Microwave, Inc.
|
310-025109-012 |
Filtered Low Noise Amplier
|
Spectrum Microwave, Inc.
|
310-024109-011 024109-011 |
Filtered Low Noise Amplier
|
API Technologies Corp Spectrum Microwave, Inc.
|
310-025107-011 |
Filtered Low Noise Amplier
|
Spectrum Microwave, Inc.
|
310-024107-021 024107-021 |
Filtered Low Noise Amplier
|
API Technologies Corp Spectrum Microwave, Inc.
|
LTC6403IUD-1TRPBF |
200MHz, Low Noise, Low Power Fully Differential Input/Output Amplier/Driver; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C OP-AMP, 1500 uV OFFSET-MAX, 200 MHz BAND WIDTH, PQCC16
|
Linear Technology, Corp.
|
LTC6404IUD-1-PBF LTC6404IUD-1-TRPBF LTC6404IUD-2-P |
600MHz, Low Noise, High Precision Fully Differential Input/Output Amplier/Driver; Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 500 MHz BAND WIDTH, PQCC16 600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
RJ45-8N4-B RJ45-8N4-S RJ45-8N-B RJ45-8N-S RJ45-8N3 |
N Series- Low Profile Filtered Modular RJ Jack
|
Tyco Electronics
|
BYT230PIV1000 BYT231PIV1000 |
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible Ultra low drop-low noise BiCMOS 300 mA volt. reg. for use with very low ESR output capacitor 与独立二极管组成的阵列|的SOT - 227B
|
STMicroelectronics N.V.
|
1763FS LT1763-2.5 LT1763-1.5 LT1763-1.8 LT1763-3.3 |
500mA, Low Noise, LDO Micropower Regulators(2.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(1.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(3V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(2.5V输出000mA,低噪声,低压差稳压器) 500mA的,低噪声,LDO的微功耗稳压器2.5V的输出,五零零零毫安,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3.3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.8V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.5V输出5000mA,低噪声,低压差稳压器) From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation
|
|