PART |
Description |
Maker |
T8553VBCBR3 |
ROCKER SWITCH, DPST, LATCHED, PANEL MOUNT
|
ARCOLECTRIC
|
2648LP/2A21108L110V1/3 2648LP/2A21308L380V3/3 2648 |
ROCKER SWITCH, DPDT, LATCHED AND MOMENTARY, 10A, 12VDC, PANEL MOUNT ROCKER SWITCH, SPST, LATCHED, 15A, 12VDC, PANEL MOUNT ROCKER SWITCH, DPST, LATCHED, 15A, 12VDC, PANEL MOUNT ROCKER SWITCH, SPDT, LATCHED, 10A, 12VDC, PANEL MOUNT
|
Vishay Intertechnology, Inc. Coilcraft, Inc.
|
QD5C090-50 CJ5C090-50 CJ5C090-60 LD5C090-60 MD5C09 |
Rotary Switch; No. of Switch Positions:5; Circuitry:DPST; Contact Current Max:250mA; Contact Rating:250mA at 125VAC; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Flatted Actuator; Switch Function:DPST UV-Erasable/OTP PLD UV-Erasable/OTP可编程逻辑器件
|
TE Connectivity, Ltd.
|
SR44S00010017 SR44S00010015 SY246A-6X1159U625U4602 |
ROCKER SWITCH, DP3T, LATCHED, 0.02A, 20VDC, PANEL MOUNT ROCKER SWITCH, DPDT, LATCHED, 4A, 30VDC, THROUGH HOLE-STRAIGHT ROCKER SWITCH, SPDT, LATCHED, 4A, 30VDC, THROUGH HOLE-RIGHT ANGLE ROCKER SWITCH, SPDT, LATCHED, 0.02A, 20VDC, THROUGH HOLE-RIGHT ANGLE ROCKER SWITCH, SPDT, LATCHED AND MOMENTARY, 4A, 30VDC, THROUGH HOLE-RIGHT ANGLE
|
|
R1966-A-BLK-BLK-I-L R1966-C-BLK-BLK-I-R R1966-A-BL |
ROCKER SWITCH, SPST, LATCHED, THROUGH HOLE-RIGHT ANGLE ROCKER SWITCH, SPDT, LATCHED, THROUGH HOLE-RIGHT ANGLE ROCKER SWITCH, SPST, LATCHED, PANEL MOUNT
|
E-SWITCH
|
400A-WMSP5-R1-BLK-M1-Q-E 400A-WMSP5-R1-BLK-M1-R-E |
ROCKER SWITCH, SPDT, LATCHED AND MOMENTARY, 3A, 28VDC, PANEL MOUNT ROCKER SWITCH, SPDT, LATCHED AND MOMENTARY, 0.02A, 20VDC, PANEL MOUNT ROCKER SWITCH, SPDT, LATCHED AND MOMENTARY, 3A, 28VDC, THROUGH HOLE-RIGHT ANGLE ROCKER SWITCH, SPDT, LATCHED, 3A, 28VDC, PANEL MOUNT
|
E-Switch, Inc.
|
224001 289 22503.5 224.100 224.125 224.250 224.375 |
Tactile Switch; Circuitry:SPST-NO; Switch Operation:(On); Contact Current Max:10mA; Contact Rating:10mA at 12V; Mounting Type:PCB; Switch Function:SPST-NO 2AG快速代理型224/225/288/289系列 Mini lighted green DPST, "o -" 2AG快速代理型224/225/288/289系列 2AG Fast-Acting Type 224/225/288/289 Series 2AG快速代理型224/225/288/289系列 Mini non-lighted DPST, unprinted Mini lighted green DPST, unprinted Optical Mouse; Color:Silver; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes SWITCH SPST KEYPAD CHERRY
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
SRL91-18AAG2-BBN8 SRL91-18AAG2-BB8N SRL91-27ARA3-B |
ROCKER SWITCH, SPDT, MOMENTARY, PANEL MOUNT ROCKER SWITCH, DPDT, MOMENTARY, PANEL MOUNT ROCKER SWITCH, SPDT, LATCHED, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
C6010ALBB1224B C6011ALBB1223B C6003PLBG2 |
ROCKER SWITCH, SPDT, LATCHED, PANEL MOUNT ROCKER SWITCH, SPDT, MOMENTARY, PANEL MOUNT ROCKER SWITCH, SPST, LATCHED, PANEL MOUNT
|
ARCOLECTRIC
|
D608J12B215QF D105J12S2AQF D201J12B215DQA D601J12B |
ROCKER SWITCH, SPDT, LATCHED, THROUGH HOLE-STRAIGHT Miniature Snap-in Power Rocker Switches Miniature Snap-in Power Rocker Switches
|
ITT CANNON http:// ITT Industries
|
DA102J3GG2ANQF8 DA102J3GG2AHQF6 DA102J3GG2AHQF8 DA |
ROCKER SWITCH, SPST, LATCHED, THROUGH HOLE-RIGHT ANGLE ROCKER SWITCH, SPST, LATCHED, THROUGH HOLE-STRAIGHT
|
ITT CANNON C & K COMPONENTS INC
|
76PSB12ST 76RSB03ST 76RSB06ST 76PSB07ST 76RSB04ST |
SPST Rocker DIP Switches PIANO DIP SWITCH-12SWITCHES, SPST, MOMENTARY,0.15A, 30VDC, THROUGH HOLE-STRAIGHT SPST Rocker DIP Switches SLIDE DIP SWITCH-3SWITCHES, SPST, LATCHED,0.15A, 30VDC, THROUGH HOLE-STRAIGHT SPST Rocker DIP Switches SLIDE DIP SWITCH-6SWITCHES, SPST, LATCHED,0.15A, 30VDC, THROUGH HOLE-STRAIGHT Raised and Recessed, Rocker and PIANO-DIP Styles Raised and Recessed, Rocker and PIANO-DIP? Styles PIANO DIP SWITCH-9SWITCHES, SPST, MOMENTARY,0.15A, 30VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc. GRAYHILL INC
|
|