PART |
Description |
Maker |
037-0211-200 |
FOR REAR MOUNTING IN 9/16 CLEARANCE HOLE FOR 2 TO 120V OPERATION
|
Dialight Corporation
|
TYE2003 |
Clearance Hole
|
Young
|
0505577012 50557-7012 |
Ring Tongue Terminal for 4 AWG, Closed Uninsulated Brazed Barrel, Stud Size1/4 (M6), Oxygen-Free Copper, Length 33.40mm (1.315), Clearance 13.70mm (.539) MOLEX Connector
|
Molex Electronics Ltd.
|
0710219 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.08 mm, no. of positions: 6, mounting: Direct mounting - DFK-MSTB 2,5/ 6-GF-5,08
|
Phoenix Contact
|
0707332 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.08 mm, no. of positions: 12, mounting: Direct mounting - DFK-MSTB 2,5/12-G-5,08
|
Phoenix Contact
|
0707316 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.08 mm, no. of positions: 10, mounting: Direct mounting - DFK-MSTB 2,5/10-G-5,08
|
Phoenix Contact
|
0710280 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.08 mm, no. of positions: 13, mounting: Direct mounting - DFK-MSTB 2,5/13-GF-5,08
|
Phoenix Contact
|
124-000-04-51 124-000-04-52 124-330-04 124-332-04 |
T-1 DUAL COLOR LED ARRAY, YELLOW/GREEN, 3 mm PCB MOUNTING LEDs - ? 3mm PCB MOUNTING LEDs - ? 3mm PCB MOUNTING LEDs - 篓陋 3mm
|
MARL INTERNATIONAL LTD Marl International Limited
|
NX8312UD-AZ NX7312UA-AZ NX7313UA-AZ NX7314UA-AZ NX |
Mounting Bracket; Outer Diameter:1.750" RoHS Compliant: Yes 1310长.5 GB的纳 s的InGaAsP多量子阱激光器激光二极管TOSA Type RB Cylindrical Mounting Clamp 1310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
|
California Eastern Laboratories, Inc. CEL[California Eastern Labs]
|
PP60 PP20 PP10 PP05 PP40 |
SINGLE - PHASE FULL WAVE BRIDGE 6.0 AMPERES HEAT SINK MOUNTING 3.0 AMPERES FOR P.C BOARD MOUNTING DIODE RECTIFIER BRIDGE SINGLE 50 PER LEGV 2A
|
Electronic devices inc. Electronic Devices, Inc.
|
|