PART |
Description |
Maker |
T-20036 |
SCR Trigger & Control Transformer
|
Rhombus Industries Inc.
|
T-20021 |
SCR Trigger & Control Transformer
|
Rhombus Industries Inc.
|
ST1200C20K0 ST1200C20K0L ST1200C..KSERIES 2663 ST1 |
PHASE CONTROL THYRISTORS From old datasheet system 1400V 1650A Phase Control SCR in a A-24 (K-Puk) package 1800V 1650A Phase Control SCR in a A-24 (K-Puk) package 1200V 1650A Phase Control SCR in a A-24 (K-Puk) package 2000V 1650A Phase Control SCR in a A-24 (K-Puk) package 1600V 1650A Phase Control SCR in a A-24 (K-Puk) package Silicon Controlled Rectifier, 3080 A, 1600 V, SCR, KPUK-2
|
IRF[International Rectifier] Vishay Semiconductors
|
T7SH024.58GDN T72H024.58GDN T707063.258GDN T607021 |
706.5 A, SCR T7S, 3 PIN 706.5 A, SCR T72, 3 PIN 510.25 A, SCR T70, 3 PIN 196.25 A, SCR T60, 3 PIN 431.75 A, SCR T70, 3 PIN 392.5 A, SCR 109.9 A, 300 V, SCR 471 A, SCR 1177.5 A, SCR 785 A, SCR 942 A, SCR 2669 A, SCR 565.2 A, SCR 549.5 A, SCR 2512 A, SCR 1570 A, 700 V, SCR 235.5 A, SCR 62.8 A, SCR 1256 A, SCR 628 A, SCR 4710 A, SCR 1020.5 A, SCR 109.9 A, 150 V, SCR 1570 A, SCR 2826 A, SCR 3140 A, SCR 1727 A, SCR
|
Powerex, Inc. POWEREX INC
|
MP03XXX190-12 MP03XXX190 MP03XXX190-08 MP03XXX190- |
Phase Control Dual SCR, SCR/Diode Modules 相位控制双可控硅,SCR /二极管模
|
Dynex Semiconductor, Ltd. DYNEX[Dynex Semiconductor]
|
2N690 2N683 2N689 2N691 2N5205 2N5206 2N685 2N5204 |
800V 16A Phase Control SCR in a TO-208AA (TO-48) package 500V 16A Phase Control SCR in a TO-208AA (TO-48) package 150V 16A Phase Control SCR in a TO-208AA (TO-48) package 600V 16A Phase Control SCR in a TO-208AA (TO-48) package (ENG) 2520-5002UG 2X10 PIN RA TARPON, 29-02-00 HEADER ASSY PIN 16 HEADER, 16 PIN, R/A MALE, LOW PRO CONN HDR 16POS STRGT PCB 4 WALL BOX 2516-6003UB 3M (2N681 -2N692) 25 AND 35 AMP RMS SCRS CON/ 14MP HRS SO T S 20 POS SHROUDED HEADER RT ANGLE 25日和35安培均方根可控硅
|
IRF[International Rectifier] KNOX[Knox Semiconductor, Inc] Knox Semiconductor Inc International Rectifier, Corp.
|
C431T2 C431E1 C431E2 C431M1 C431M2 C431N1 C431N2 C |
SIGN, FIRE DOOR KEEP SHUT, 100X100; RoHS Compliant: NA Phase Control SCR 450-600 Amperes Avg 500-1800 Volts 950 A, 1300 V, SCR Phase Control SCR 450-600 Amperes Avg 500-1800 Volts 950 A, 1000 V, SCR Phase Control SCR 450-600 Amperes Avg 500-1800 Volts 950 A, 1600 V, SCR
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
CSD2475G CSE2410 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid State Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:15VDC; Load Current Max:10A; Switching:Zero Cross; Output Current:10A; Output Type:SCR
|
CRYDOM CORP
|
T9G01000A T9G0081003DH T9G01000A-13 |
Phase Control SCR Phase Control SCR (1000 Amperes Average 2400 Volts) 800V, 1000A phase control single thyristor
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
SAFEIRSERIES10TTS08S 10TTS08S 10TTS08STRL 10TTS08S |
800V 6.5A Phase Control SCR in a D2-Pak package SURFACE MOUNTABLE PHASE CONTROL SCR
|
International Rectifier
|
40TPS08 40TPS08A 40TPS12A 40TPS12 |
Silicon Controlled Rectifier, 55 A, 1200 V, SCR, TO-247AC, TO-247AC, 3 PIN 1200V 35A Phase Control SCR in a TO-247AC package 800V 35A Phase Control SCR in a TO-247AC package
|
Vishay Semiconductors International Rectifier
|
MP02X130 MP02X130-16 MP02X130-18 MP02X130-20 |
MB 32C 32#20 PIN RECP Phase Control Dual SCR, SCR/Diode Modules
|
Dynex Semiconductor Ltd. DYNEX[Dynex Semiconductor]
|