PART |
Description |
Maker |
LTC1998IS6-PBF LTC1998CS6 LTC1998CS6-PBF LTC1998CS |
2.5μA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring 2.5楼矛A, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring 2.5レA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
|
Linear Technology
|
RPM3000 |
Monitoring Module for PathTrak Return Monitoring System
|
JDS Uniphase Corporation
|
AS1349 AS1346 AS1347 AS1348 AS1347-BTDT-1812 AS134 |
Dual Step-Down Converter with Battery Monitoring
|
austriamicrosystems AG ams AG
|
MAX8213A MAX8213B MAX8213 MAX8214BESE MAX8214A MAX |
Five Universal Voltage Monitors, Complete µP Voltage Monitoring "Five Universal Voltage Monitors, Complete μP Voltage Monitoring" " Five Universal Voltage Monitors, Complete μP Voltage Monitoring" Five Universal Voltage Monitors-Complete Microprocessor Voltage Monitoring Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring Five Universal Voltage Monitors with Active Pull-Ups From old datasheet system ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% Five Universal Voltage Monitors, Complete µP Voltage Monitoring 5-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP16 Synchronous 4-Bit Binary Counters 16-CDIP -55 to 125 5-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
IRFHM792TR2PBF IRFHM792TRPBF |
DC-DC Primary Switchl 48V Battery Monitoring DC-DC Primary Switchl 48V Battery Monitoring
|
International Rectifier
|
TB429 |
From old datasheet system Using the EL7515 Demo Board
|
INTERSIL[Intersil Corporation]
|
DK2000 |
High-Performance Demo Kit Motherboard From old datasheet system
|
MAXIM - Dallas Semiconductor
|
MAX7387CMRD MAX7387CMVB |
System Monitoring Oscillator with Watchdog and Power Fail
|
MAXIM INTEGRATED PRODUCTS INC
|
DEMO-ATF-5X143C DEMO-ATF-5X1431 DEMO-ATF5X14-3A AT |
DEMO-ATF-5X143C · Demonstration circuit board for ATF-54143, ATF-55143 and ATF-58143 (2 GHz) DEMO-ATF-5X1431 · Demonstration circuit board for ATF-54143 and ATF-55143 (5 GHz) DEMO-ATF5X14-3A · Demonstration circuit board for the ATF-54143 and ATF-55143 (900 MHz) ATF-54143 · Single Voltage E-pHEMT Low Noise 36 dBm OIP3 in SC-70
|
Agilent (Hewlett-Packard)
|