PART |
Description |
Maker |
ATA6870 ATA687010 |
Li-Ion/NiMH Battery Stack Measurement and Monitoring Kit Atmel ATA6870
|
ATMEL Corporation
|
TS2207BCX6 TS2207 TS2207ACX6 |
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
|
TSC[Taiwan Semiconductor Company, Ltd]
|
LTC4059LTC4059A LTC4059A LTC4059AEDCPBF LTC4059EDC |
900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 x 2 DFN; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 ′ 2 DFN 900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 垄楼 2 DFN 900mA linear Li-ion battery charger with thermal regulation.
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
ISL6292-2C ISL6292-1C ISL6292-1CR5 ISL6292-1CR3-T |
Battery Charger, Single Cell Li-ion or Li-Polymer, Vin >2.4v, Programmable Current Limit, Low Thermal Dissipation, 1% Accuracy Li-ion/Li Polymer Battery Charger
|
INTERSIL[Intersil Corporation]
|
MCP73828-4.1VUA MCP73828-4.1VUATR MCP73828-4.2VUA |
The MCP73828 is a battery charger controller for single cell Lithium-Ion (Li-Ion) batteries. Using an external PMOS transistor, safe ...
|
Microchip
|
LTC4002-8.4 LTC4002EDD LTC4002EDD-8.4 LTC4002ES8 L |
Standalone Li-Ion Switch Mode Battery Charger Standalone Li-Ion Switch Mode Battery Charger; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C Standalone Li-Ion Switch Mode Battery Charger BATTERY CHARGE CONTROLLER, 550 kHz SWITCHING FREQ-MAX, PDSO10 Standalone Li-Ion Switch Mode Battery Charger; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C BATTERY CHARGE CONTROLLER, 550 kHz SWITCHING FREQ-MAX, PDSO10 2-Cell Standalone Li-Ion Switch Mode Battery Charger
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. LINER[Linear Technology]
|
AM27C64-70LEB AM27C64-120LEB AM27C64-70/BXA AM27C6 |
Standalone Linear Li-Ion Battery Chargers with Thermal Regulation in DFN; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C Standalone Li-Ion Switch Mode Battery Charger; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C Coulomb Counter/Battery Gas Gauge; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C Hot Swap Controller in 6-Lead SOT-23 Package; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 4A, High Efficiency, Standalone Li-Ion Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C x8 EPROM x8存储
|
Ironwood Electronics
|
BQ27541DRZR-V200 BQ27541DRZT-V200 |
<font color=red>[Old version datasheet]</font> Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
|
TI store
|
MCP73826 MCP73826-4.1VCHTR MCP73826-4.2VCHTR |
Single Cell Lithium-Ion Charge Management Controller The MCP73826 is a battery charger controller for single cell Li-Ion batteries. Using an external PMOS transistor, safe and fast charging ... The MCP73826 is a battery charger controller for single cell Li-Ion batteries. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. An overall system accuracy of 1% ensures that the cell capaci
|
Microchip Technology
|
LTC3550-1 LTC3550EDHC-1TRPBF LTC3550-1-15 |
Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1.3 A BATTERY CHARGE CONTROLLER, 1800 kHz SWITCHING FREQ-MAX, PDSO16 Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
|
http:// Linear Technology, Corp.
|
AM29LV033C-90 AM29LV033C-90EE AM29LV033C-90EI AM29 |
LM3622 Lithium-Ion Battery Charger Controller; Package: SOIC NARROW; No of Pins: 8 4M X 8 FLASH 3V PROM, 90 ns, PDSO40 LM3622 Lithium-Ion Battery Charger Controller; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 2500; Container: Reel 4M X 8 FLASH 3V PROM, 90 ns, PDSO40 32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory 4M X 8 FLASH 3V PROM, 70 ns, PBGA63 LM3622 Lithium-Ion Battery Charger Controller; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 95; Container: Rail 32兆位个M × 8位)的CMOS 3.0伏特,只有统一部门闪存
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|