PART |
Description |
Maker |
RB495D RB495DRF |
40V, 350mA, SMD Schottky Diode
|
Taiwan Semiconductor Company, Ltd
|
SD103AWS |
350mA Surface Mount Small Signal Schottky Diode -20V-40v
|
Formosa MS
|
BAS40DW-04 BAS40DW-05-TP BAS40DW-06-TP BAS40TW BAS |
200mW SCHOTTKY BARRIER Diode DIODE SCHOTTKY 200MW 40V SOT363 0.2 A, 40 V, 4 ELEMENT, SILICON, SIGNAL DIODE DIODE SCHOTTKY ARRAY 40V SOT-363 0.2 A, 40 V, 3 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
CDBK0540-HF12 CDBK0540-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=40V, V-R=40V, I-O=0.5A SMD Schottky Barrier Diode
|
Comchip Technology
|
LT3970EMS-3.3-PBF LT3970EMS-3.3-TRPBF LT3970EMS-5- |
40V, 350mA Step-Down Regulator with 2.5楼矛A Quiescent Current and Integrated Diodes 40V, 350mA Step-Down Regulator with 2.5μA Quiescent Current and Integrated Diodes 40V, 350mA Step-Down Regulator with 2.5µA Quiescent Current and Integrated Diodes, 10-Lead Plastic MSOP, Temp E –40°C to 125°C 0.865 A SWITCHING REGULATOR, 2640 kHz SWITCHING FREQ-MAX, PDSO10 40V, 350mA Step-Down Regulator with 2.5µA Quiescent Current and Integrated Diodes, 10-Lead (3mm × 2mm) Plastic DFN, Temp I –40°C to 125°C 0.865 A SWITCHING REGULATOR, 2640 kHz SWITCHING FREQ-MAX, PDSO10
|
http:// Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT3991 LT3481 LT3682 LT1976 LT1977 LT3971 |
40V, 350mA Step-Down Regulator with 2.5μA
|
Linear Technology
|
SBM1040-13-F |
DIODE SCHOTTKY 40V 10A PWRMITE3 10 A, 40 V, SILICON, RECTIFIER DIODE
|
Diodes, Inc.
|
20CTQ040S 20CTQ045-1 20CTQ045S 20CTQ 20CTQ035-1 20 |
SCHOTTKY RECTIFIER 45V 20A Schottky Common Cathode Diode in a D2-Pak package 40V 20A Schottky Common Cathode Diode in a D2-Pak package 45V 20A Schottky Common Cathode Diode in a TO-220AB package 40V 20A Schottky Common Cathode Diode in a TO-220AB package 35V 20A Schottky Common Cathode Diode in a TO-220AB package 45V 20A Schottky Common Cathode Diode in a TO-262 package 40V 20A Schottky Common Cathode Diode in a TO-262 package 35V 20A Schottky Common Cathode Diode in a TO-262 package SCHOTTKYRECTIFIER SCHOTTKY RECTIFIER 肖特基整流器 35V 20A Schottky Common Cathode Diode in a D2-Pak package
|
IRF[International Rectifier] InternationalRectifier International Rectifier, Corp.
|
FMB-2304 FMB-24M |
Schottky Barrier Diode - 40V
|
Sanken
|
FMB-2204 |
Schottky Barrier Diode - 40V
|
Sanken
|
SFPE-64 |
Schottky Barrier Diode - 40V
|
Sanken
|