PART |
Description |
Maker |
STE180N10 6033 |
From old datasheet system N - CHANNEL 100V - 5.5 m - 180A - ISOTOP POWER MOSFET N - CHANNEL 100V - 5.5 mohm - 180A - ISOTOP POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
NT100N10 |
123A, 100V, 9 mohm, TO264
|
ON Semiconductor
|
IRF5NJ540 |
Avalanche Energy Ratings POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.052ohm, Id=22A*) SURFACE MOUNT (SMD-0.5)100V, N-CHANNEL 100V Single N-Channel Hi-Rel MOSFET in a SMD-0.5 package
|
IRF[International Rectifier]
|
MC07XSF517EK |
Triple 7.0 mOhm and Dual 17 mOhm High Side Switch
|
Freescale Semiconductor, Inc
|
2N7002T |
N-channel TrenchMOS FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 0.3 A; R<sub>DS(on)</sub>: 5000@10V5300@4.5V mOhm; V<sub>DS</sub>max: 60 V 300 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
NXP Semiconductors N.V.
|
HUF76633S3S HUF76633P3 FN4693 HUF76633P3T |
TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 38A I(D) | TO-220AB 38A, 100V, 0.036 Ohm, N-Channel, Logic 38A, 100V, 0.036 Ohm, N-Channel, Logic From old datasheet system 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
|
INTERSIL[Intersil Corporation]
|
FQI44N10 FQB44N10 FQB44N10TM |
100V N-Channel QFET 100V N-Channel MOSFET 43.5 A, 100 V, 0.039 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
STS3C2F100 |
N-CHANNEL 100V - 0.110 OHM - 3A SO-8 P-CHANNEL 100V - 0.320 OHM - 1.5A SO-8 COMPLEMENTARY PAIR STripFET POWER MOSFET
|
ST Microelectronics
|
FDD3690 |
100V N-Channel PowerTrench MOSFET 100V N-Channel PowerTrench MOSFET DIODE ZENER SINGLE 1000mW 6.8Vz 37mA-Izt 0.05 10uA-Ir 4Vr DO41-GLASS 5K/REEL 22 A, 100 V, 0.064 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRF150 JANTXV2N6764 JANTX2N6764 |
100V Single N-Channel Hi-Rel MOSFET in a TO-204AE package TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.055ohm, Id= 38A) TRANSISTORS N-CHANNEL(Vdss=100V/ Rds(on)=0.055ohm/ Id= 38A)
|
IRF[International Rectifier]
|
FQH70N10 |
100V N-Channel Q-FET FQH70N10 100V N-Channel MOSFET FQH70N10 100V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FDP120N10 |
74 A, 100 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench垄莽 MOSFET 100V, 74A, 12m楼? N-Channel PowerTrench? MOSFET 100V, 74A, 12mΩ
|
FAIRCHILD SEMICONDUCTOR CORP
|