PART |
Description |
Maker |
2SD2351VWT106 2SD2654VWTL 2SD2226KVWT146 2SD2227SW |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 150MA I(C) | SOT-346 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 150MA I(C) | SOT-416 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset
|
ROHM
|
AAT3216 AAT3216IGV-1.2-T1 AAT3216IGV-1.5-T1 AAT321 |
150mA MicroPower??LDO with PowerOK 150mA MicroPower LDO with PowerOK 150mA MicroPower⑩ LDO with PowerOK Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:42 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:300V RoHS Compliant: Yes 150mA MicroPowerLDO with PowerOK ⑩微功50mA的LDO稳压器与PowerOK
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. Advanced Analogic Technologies, Inc.
|
AME8750BEEY1828Z AME8750 AME8750AEEY1828Y AME8750A |
Low-Dropout 150mA / 150mA Dual CMOS Regulator
|
AKM[Asahi Kasei Microsystems]
|
AME8750 |
Low-Dropout 150mA / 150mA Dual CMOS Regulator
|
AME
|
2SA1774EBHZG |
PNP -50V -150mA General Purpose Transistor
|
ROHM
|
M54527P |
6-UNIT 150mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
|
Mitsubishi Electric Semiconductor
|
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
HN1C01F HN1C01FY |
TRANSISTOR | BJT | PAIR | NPN | 50V V(BR)CEO | 150MA I(C) | TSOP 晶体管|晶体管|一对|叩| 50V五(巴西)总裁| 150毫安一c)|的TSOP Transistor Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
|
ITT, Corp. TOSHIBA
|
HN2C01FU HN2C01FUGR |
TRANSISTOR | BJT | PAIR | NPN | 50V V(BR)CEO | 150MA I(C) | TSOP 晶体管|晶体管|一对|叩| 50V五(巴西)总裁| 150毫安一c)|的TSOP Transistor Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
|
Omron Electronics, LLC TOSHIBA
|
CSA1162Y-3E CSA1162 CSA1162GR_G-3F CSA1162GRG-3F C |
0.150W Low Frequency PNP SMD Transistor. 50V Vceo, 0.150A Ic, 200 - 400 hFE. Complementary CSC2712 LOW FREQUENCY GENERAL PURPOSE AMPLIFIER TRANSISTOR TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 150MA I(C) | SOT-23 晶体管|晶体管|进步党| 50V五(巴西)总裁| 150毫安一c)| SOT - 23封装
|
CDIL[Continental Device India Limited]
|
X3A-BFQ34 |
TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 150MA I(C) | CHIP 晶体管|晶体管|叩| 18V的五(巴西)总裁| 150毫安一(c)|芯片
|
Renesas Electronics, Corp.
|