PART |
Description |
Maker |
TC647BEUATR TC642B TC642BEOA713 TC642BEOATR TC642B |
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense⑩ Technology for Fault Detection
|
MICROCHIP[Microchip Technology]
|
G762 G763 |
Fan Speed Controller with Linear or PWM Mode
|
Global Mixed-mode Technology Inc
|
ADG201HS ADG201HSAQ ADG201HSBQ ADG201HSJN ADG201HS |
LC-2MOS ± 15 V High Speed, Quad SPST Switch LC<SUP>2</SUP>MOS ± 15 V High Speed, Quad SPST Switch SPSTAnalogSwitch
LC2MOS HIGH SPEED, QUAD SPST SWITCH LC2MOS HIGH SPEED/ QUAD SPST SWITCH Circular Connector; No. of Contacts:66; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:19; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:19-66 SPST Analog Switch QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, CDIP16 LC2MOS 15 V High Speed, Quad SPST Switch Quad SPST Switch(LC2MOS楂?????????峰???
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AIC1993 |
Linear Fan Control Driver IC
|
http:// Analog Intergrations Corporation
|
AD8684ARUZ-REEL AD8682-15 AD8682 |
Dual Low Power, High Speed JFET Operational Amplifier Dual/Quad Low Power, High Speed Quad Low Power, High Speed JFET Operational Amplifiers; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 4000 uV OFFSET-MAX, 3.5 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc.
|
F75387 F75387RG F75387SG |
隆戮1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control ±1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control
|
Feature Integration Technology Inc.
|
AP2113MTR-G1 AP2113M-G1 AP2113KTR-G1 |
1.6x Linear DC Fan Driver with VOUT Fully on Control
|
Diodes BCD Semiconductor Manufacturing Limited
|
TC649 TC649E TC649EOA TC649EPA TC649EUA TC649VOA T |
PWM Fan Speed Controller with Auto-Shutdown and FanSense⑩ Technology PWM Fan Speed Controller with Auto-Shutdown and FanSense Technology
|
MICROCHIP[Microchip Technology]
|
TC646 TC646EOA TC646EPA TC646EUA TC646VOA TC646VPA |
PWM Fan Speed Controller with Auto-Shutdown and FanSense⑩ Technology PWM Fan Speed Controller with Auto-Shutdown and FanSense Technology
|
MICROCHIP[Microchip Technology]
|
ENA1096 |
Monolithic Linear IC For Fan Motor Two-Phase Half-Wave Driver
|
Sanyo Semicon Device
|
PDT1341-AI-BI PDT1341-AI-D4 PDT1341-AI-DN PDT1341- |
Cooling Fan and Exhaust Package; Bearing Style:Ball; Power Rating:15W; Supply Voltage:115VAC; Fan Flow Rate:25CFM; Noise Rating:41dBA; Size/Dimensions:101.6mm x 67mm; Weight:4.2lb RELAY SSR SPST 350V 110MA 6SOP RELAY SSR SPST 350V 110MA 4SOP High Speed CMOS 8-Channel Analog Multiplexer/Demultiplexer with Latch 20-PDIP -55 to 125 High Speed CMOS Logic Dual Binary Up-Counters 16-SOIC -55 to 125 High Speed CMOS Logic Dual Binary Up-Counters 16-PDIP -55 to 125 Temperature Range (degrees C): -30 to 85; General Description: Coaxial plug; Right angle; For 1.5D-HQEW/1.5D-QEW RES POWER .010 OHM 3.5W 5% SMT ; Operating Temperature Range (degrees C): -30 to 85; General Description: Coaxial plug; Right angle; For 1.5D-HQEW Fan Filter; For Use With:Hoffman Engineering Type TFP101 Fan Filter; For Use With:Hoffman Engineering Type TFP61UL12 Fan Filter; For Use With:Hoffman Engineering Type TFP10UL12 CONNECTOR RES ARRAY 51 OHM 8TERM 4RES SMD 1 hole long barrel 1/2 hole 3/0 High Speed CMOS Quad Analog Switch with Level Translation and TTL Inputs 16-SOIC -55 to 125 RELAY SSR SPST 20VAC 300MA 4SOP High Speed CMOS Logic BCD-to-7 Segment Latch/Decoder/Driver 16-PDIP -55 to 125 Cooling Fan and Exhaust Package; Supply Voltage:115VAC; Power Rating:80W; Bearing Style:Ball; Fan Flow Rate:215CFM; For Use With:Enclosures Where Space is Limited; Noise Rating:61dBA; Weight:12lb RoHS Compliant: Yes Cooling Fan and Exhaust Package; Bearing Style:Ball; Power Rating:80W; Supply Voltage:115VAC; Fan Flow Rate:75CFM; Noise Rating:61dBA; Weight:12lb Fan Filter; For Use With:Hoffman Engineering Type TFP41UL12 RES ARRAY 47 OHM 8TERM 4RES SMD Cooling Fan and Exhaust Package; Bearing Style:Ball; Power Rating:80W; Supply Voltage:115VAC; Fan Flow Rate:215CFM; For Use With:Enclosures Where Space is Limited; Noise Rating:54dBA; Weight:12lb Pigtailed PIN Photodiodes 尾纤的PIN光电二极 Pigtailed PIN Photodiodes 尾纤PIN光电二极
|
Agilent(Hewlett-Packard... Agilent (Hewlett-Packard) http:// HP[Agilent(Hewlett-Packard)] Maxim Integrated Products, Inc. Linear Technology, Corp.
|