PART |
Description |
Maker |
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
S87C652-4F40 S87C652-4A44 83C652 S87C652-7K44 P83C |
CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 8 MHz, MICROCONTROLLER, CDIP40 CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 10 MHz, MICROCONTROLLER, CQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
HD40L4240H HD40L4240P HD40L4240S HD404240H HD40424 |
V(cc): -0.3 to 7.0V; CMOS 4-bit single-chip microcomputer CMOS 4bit single-chip microcomputers
|
HITACHI[Hitachi Semiconductor]
|
LC66562B LC66566B |
12 amd 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers CMOS LSI
|
Sanyo
|
UPD75P66 UPD75P56 UPD75P66G-511 UPD75P56CS-001 UPD |
4-Bit, Single-Chip, One-Time Programmable (OTP) CMOS Microcomputer With Comparator (UPD75P56 / UPD75P66) 4-Bit Single-Chip One-Time Programmable CMOS Microcomputers
|
NEC[NEC] NEC Electronics
|
M37210M4-227SP M37210M4-218SP M37210M3-560SP M3721 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER SINGLE CHIP 8-BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER Single Chip 8-Bit CMOS MICROCOMPUTER for Voltage SYNTHESISER WITH OSD Controller Single-chip 8-bit CMOS microcfomputer for voltage synthesizer with on-screen display controller.
|
Mitsubishi Electric Corporation
|
S3C9014 S3C9004S3P9004 S3P9014 |
8-Bit Single-Chip CMOS Microcontrollers Single-chip 8-bit Microcontroller Data Sheet
|
Samsung Electronic
|
P80C851FBA P80C851FBB P80C851FBP P80C851FFA P80C85 |
CMOS single-chip 8-bit microcontroller with on-chip EEPROM CMOS单芯位微控制器的片上EEPROM
|
NXP Semiconductors N.V. Philips
|
LC877248A LC877256A LC877264A |
CMOS IC 8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
|
SANYO[Sanyo Semicon Device]
|
M37160EFFP M37160EFSP M37160MA |
(M37160M8/MA/MF/EFSP/FP) Single Chip 8-Bit CMOS Microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Renesas Electronics Corporation
|