PART |
Description |
Maker |
ISL8204MEVAL1Z ISL8206MEVAL1Z |
Complete High Efficiency DC/DC Power Module
|
Renesas Electronics Corporation
|
MAX8213A MAX8213B MAX8213 MAX8214BESE MAX8214A MAX |
Five Universal Voltage Monitors, Complete µP Voltage Monitoring "Five Universal Voltage Monitors, Complete μP Voltage Monitoring" " Five Universal Voltage Monitors, Complete μP Voltage Monitoring" Five Universal Voltage Monitors-Complete Microprocessor Voltage Monitoring Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring Five Universal Voltage Monitors with Active Pull-Ups From old datasheet system ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% Five Universal Voltage Monitors, Complete µP Voltage Monitoring 5-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP16 Synchronous 4-Bit Binary Counters 16-CDIP -55 to 125 5-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD5240 AD5240KD AD5240SD ADADC84 ADADC84-10 ADADC8 |
Fast, Complete 10-Bit A/D Converters FAST, COMPLETE 12-BIT A/D CONVERTERS 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor FAST/ COMPLETE 12-BIT A/D CONVERTERS Fast,Complete 12 Bit A/D Converter(快完备2位A/D转换
|
Analog Devices, Inc. AD[Analog Devices]
|
41PCT170T4-R/G/G/G |
T-1 DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN, 3 mm
|
LEDTRONICS INC
|
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
HER108 HER106 HER107 |
Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V) HIGH EFFICIENCY RECTIFIER Reverse Voltage - 50 to 1000 Volts, Forward Current - 1.0Amperes
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor] Chenyi Electronics
|
LT1170 LT1170C LT1170CQ LT1170CT LT1170HV LT1170CK |
100kHz/ 5A/ 2.5A and 1.25A High Efficiency Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, MBFM4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 VOLT REG NEG 5V 100MA SMD TO-243
|
Linear Technology Corporation Linear Technology, Corp.
|
HER301 HER305 HER302 HER303 HER304 |
HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V) HIGH EFFICIENCY RECTIFIERS(3.0A/50-400V) 28000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN
|
MOSPEC[Mospec Semiconductor] MOSPEC SEMICONDUCTOR CORP.
|
LTC1436AIGN-PLL LTC1436ACGN-PLL |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Low Noise Synchronous Step-Down Switching Regulators
|
http:// Linear Technology Corporation
|
TPCA8014-H TPCA8014-H06 |
High-Efficiency DC拢炉DC Converter Applications High-Efficiency DC/DC Converter Applications 30 A, 40 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Toshiba Semiconductor
|
SHM-50 SHM-50GC SHM-50GM SHM-50MC SHM-50MM |
Miniature, High-Speed, Complete 隆戮0.05% Sample Hold Amplifiers Miniature, High-Speed, Complete ±0.05% Sample Hold Amplifiers
|
Murata Power Solutions Inc.
|
5962-89629013X 5962-8962902LX AD7569ACHIPS AD7569T |
LC2MOS Complete, 8-Bit Analog I/0 Systems LC2MOS Complete, 8-Bit Analog I/0 Systems SPECIALTY ANALOG CIRCUIT, PQCC28 LC2MOS Complete/ 8-Bit Analog I/0 Systems CMOS, Complete 8-Bit Analog I/0 Port with Single DAC Output
|
Analog Devices, Inc.
|