PART |
Description |
Maker |
DTA08 DTA08E |
TVS 1500W 7.0V UNIDIRECT SMC 0.8A双向可控 0.8A Bidirectional Thyristor
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
BDS29B BDS29C BDS29A |
COMPLEMENTARY POWER DARLINGTON TO254 METAL TRANSISTORS DIODE TVS 45V 1500W BIDIR 5% SMC DIODE TVS 36V 1500W BIDIR 5% SMC
|
Seme LAB
|
ISL6613BIB-T ISL6612BIRZ-T ISL6612BIBZ |
TVS UNIDIRECT 1500W 33V SMC 3 A HALF BRDG BASED MOSFET DRIVER, PDSO8 Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP 3 A HALF BRDG BASED MOSFET DRIVER, PDSO10 7-Bit Bus Interfaces With 3-State Outputs 20-TSSOP 0 to 70 3 A HALF BRDG BASED MOSFET DRIVER, PDSO8
|
Intersil, Corp.
|
MMBZ15VAL MMBZ9V1AL MMBZ5V6AL10 MMBZ27VAL MMBZ6V2A |
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS TVS UNIDIRECT CA 40W 14.5V SOT23 40 W, UNIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE
|
Diodes Incorporated Diodes, Inc.
|
STK16N10L |
DIODE TVS 33V 500W BI-DIR
|
|
WM8141CFT/V WM8141 |
TVS UNIDIRECT 400W 40V SMA 12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
|
Wolfson Microelectronics plc Wolfson Microelectronic...
|
WM2616 WM2616ID WM2616CD |
From old datasheet system 12-BIT SERIAL INPUT VOLTAGE OUTPUT DAC TVS UNIDIRECT 78V 600W SMB
|
WOLFSON[Wolfson Microelectronics plc]
|
HCC4011 HCC4011B HCC4011BC1 HCC4011BEY HCC4011BF H |
DUAL D . TYPE FLIP.FLOP 32768 x 18 Synchronous FIFO Memory 80-LQFP 0 to 70 TVS UNIDIRECT 600W 18V SMB 与非 NAND GATES 与非
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
SMCJ SMCJ150CA SMCJ28CA SMCJ85CA SMCJ7.5CA |
1500W Peak Power Surface Mount TVS
|
SeCoS Halbleitertechnologie GmbH
|
ICE3A0565Z ICE3B1565 ICE3A3565I ICE3B5065I |
Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS 离线式开关电源电流模式控制器,集成了650V启动单元/的CoolMOS TVS UNIDIRECT 400W 11V SMA
|
Infineon Technologies AG
|
ZB4BA131 ZB4BC2 ZB4BK1213 ZB4BK1253 ZB4BP5 ZB4BT4 |
DIODE TVS 8.0V 1500W UNI 5% SMC LED SCHALTER HARMON PILZTASTE 40MM Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:320Vrms; Peak Surge Current @ 8/20uS:10000A; Clamping Voltage 8/20us Max :840V; Capacitance, Cd:750pF; Package/Case:20mm Disc; Capacitance:750pF; Clamping Voltage Max, Vc:840V RoHS Compliant: No VARISTOR MULTI ESD 42V MHS 0402 Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:275Vrms; Voltage Rating DC, Vdc:350VDC; Peak Surge Current @ 8/20uS:1750A; Clamping Voltage 8/20 Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:1000Vrms; Voltage Rating DC, Vdc:1200VDC; Peak Surge Current (8/20uS), Itm:4500A; Clamping SUPPRESSOR SMT 0402 160V 12PF LED SCHALTER HARMON BESCHRIFTET SCHWARZ AVALANCHE DIODE ARRAY SP0503BAHT Transient Surge Protection Thyristor; Current, It av:30A; Leaded Process Compatible:No; Package/Case:DO-2144AA; Peak Reflow Compatible (260 C):No; Repetitive Reverse Voltage Max, Vrrm:50V; Current Rating:30A RoHS Compliant: No DIODE TVS 90V 1500W UNI 5% SMC DIODE TVS 9.0V 1500W BI 5% SMC Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:130Vrms; Voltage Rating DC, Vdc:175VDC; Peak Surge Current (8/20uS), Itm:50000A; Clamping Voltage 8/20us Max :340V; Capacitance, Cd:20000pF; Package/Case:60mm Disc Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:60Vrms; Voltage Rating DC, Vdc:81VDC; Peak Surge Current (8/20uS), Itm:4500A; Clamping Voltage 8/20us Max :175V; Peak Energy (10/1000uS):20J; Capacitance, Cd:2000pF Varistor; Voltage Rating AC, Vrms:60Vrms; Voltage Rating DC, Vdc:81VDC; Peak Surge Current (8/20uS), Itm:2500A; Clamping Voltage 8/20us Max :165V; Peak Energy (10/1000uS):10J; Capacitance, Cd:900pF; Package/Case:10mm Disc Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:140Vrms; Voltage Rating DC, Vdc:180VDC; Peak Surge Current (8/20uS), Itm:10000A; Clamping Voltage 8/20us Max :360V; Capacitance, Cd:1750pF; Package/Case:20mm Disc Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:10Vrms; Voltage Rating DC, Vdc:14VDC; Peak Surge Current (8/20uS), Itm:1000A; Clamping Voltage 8/20us Max :36V; Peak Energy (10/1000uS):3.5J; Capacitance, Cd:11000pF Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:10Vrms; Voltage Rating DC, Vdc:14VDC; Peak Surge Current @ 8/20uS:250A; Clamping Voltage 8/20us Max :36V; Peak Energy (10/1000uS):0.8J; Capacitance, Cd:2000pF RoHS Compliant: Yes LED SCHALTER HARMONY BUENDIG GELB LED SCHALTER HARMONY BUENDIG BLAU LED SCHALTER HARMONY 22MM 6 DIVER FARBEN
|
|