PART |
Description |
Maker |
AT24C128SC |
2-wire, 128K and 256K Serial EEPROM
|
Atmel
|
HN58X24128FPI HN58X24128I HN58X24128TI HN58X24256F |
Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit) Two-wire serial interface/ 128k EEPROM (16-kword x 8-bit)/ 256k EEPROM (32-kword x 8-bit) Serial EEPROMs
|
HITACHI[Hitachi Semiconductor]
|
GS84032T-166 GS84032B-100 GS84032B-166 GS84032B-15 |
128K X 32 CACHE SRAM, 8 ns, PBGA119 4Mb56K x 18Bit) Synchronous Burst SRAM(4M位(256K x 18位)同步静态RAM(带2位脉冲地址计数器)) 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
|
GSI Technology
|
IS24C128B-2ZLI-TR IS24C128B-2GLI-TR |
128K-bit 2-WIRE SERIAL CMOS EEPROM 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc INTEGRATED SILICON SOLUTION INC
|
GS840E18AB-190 GS840E18AT-190I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 7.5 ns, PBGA119 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 7.5 ns, PQFP100
|
GSI Technology, Inc.
|
HN58X24256FPI HN58X24128I HN58X24256TI HN58X24128T |
Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit) 两线串行接口28K的EEPROM中(16 KWord的8位)56k的EEPROM2 KWord的8位)
|
Hitachi,Ltd.
|
AM29F200BB55EI AM29F200BT-90SI AM29F200BT-55EC AM2 |
2 Mb (256K x 8, 128K x 16) Boot Sector, Flash Memory 256K X 8 FLASH 5V PROM, 55 ns, PDSO48 FLASH 128K X 16 TSOP-48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
LH532000B LH532000BT |
CMOS 2M (256K x 8/128K x 16) MROM 200万的CMOS56 × 8/128K × 16MROM LH532000BT CMOS 1M (128K x 8) Mask Programmable ROM 48-pin TSOP
|
Sharp, Corp. Sharp Corporation Sharp Electrionic Components Sharp Electronics Corp.
|
AT24C64 AT24C64-10PC AT24C64-10PC-1.8 AT24C64-10PC |
128 x 64 pixel format, LED or EL Backlight available 2-WireSerialEEPROM ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,M:ML043MW015 M Series (0.4") I/O Module 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Quadruple 2-Input Positive-OR Gates 14-VQFN -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CAP 2.2UF 16V 10% TANT SMD-3216-18 TR-13 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 Hex Buffers And Line Drivers With 3-State Outputs 16-SSOP -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 Quadruple 2-Input Positive-OR Gates 14-TSSOP -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14
|
ATMEL[ATMEL Corporation] Atmel Corp. ATMELCorporation Atmel, Corp. ATM Electronic, Corp. TE Connectivity, Ltd.
|
AT24C256CW-SH-B AT24C256CW-SH-T AT24C256CN-SH-T AT |
Two-wire Serial EEPROM 256K (32,768 x 8)
|
ATMEL Corporation http://
|