PART |
Description |
Maker |
FDMS9620S |
Dual N-Channel PowerTrench? MOSFET Q1: 30V, 16A, 21.5mΩ Q2: 30V, 18A, 13mΩ Dual N-Channel PowerTrench㈢ MOSFET Q1: 30V, 16A, 21.5mヘ Q2: 30V, 18A, 13mヘ
|
Fairchild Semiconductor
|
STS2DNF30L |
N-CHANNEL 30V - 0.09 ohm - 3A SO-8 STripFETPOWER MOSFET N沟道30V 0.09欧姆-A的SO - 8 STripFET⑩功率MOSFET Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FDS8958B |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench? MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 mΩ Q2-P-Channel: -30 V, -4.5 A, 51 mΩ Dual N & P-Channel PowerTrench垄莽 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m楼? Q2-P-Channel: -30 V, -4.5 A, 51 m楼?
|
Fairchild Semiconductor
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STS6DNF30V |
DUAL N-CHANNEL 30V 0.026 OHM 6A SO-8 2.5V DRIVE STRIPFET II POWER MOSFET DUAL N-CHANNEL 30V - 0.026ohm - 6A SO-8 2.5V-DRIVE STripFET II POWER MOSFET
|
ST Microelectronics STMicroelectronics
|
FDD044AN03 FDD044AN03L FDU044AN03L |
VARISTOR STD 250VRMS 3225 SMD 35 A, 30 V, 0.0044 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA 30V N-Channel PowerTrench? MOSFET 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STS4DPF30L |
DUAL P-CHANNEL 30V - 0.07 ohm - 4A SO-8 STripFET POWER MOSFET Dual P-CHANNEL POWER MOSFET DUAL P-CHANNEL 30V - 0.07 ohm - 4A SO-8 STripFET⑩ POWER MOSFET DUAL P-CHANNEL 30V - 0.07 OHM - 4A SO-8 STRIPFET POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
RF1K49086 |
3.5A, 30V, Avalanche Rated, Dual N-Channel LittleFET Enhancement Mode Power MOSFET 3.5A/ 30V/ Avalanche Rated/ Dual N-Channel LittleFET Enhancement Mode Power MOSFET 3.5A, 30V, AVALANCHE RATED, DUAL N-CHANNEL LITTLEFET⒙ ENHANCEMENT MODE POWER MOSFET 3.5A, 30V, Avalanche Rated, Dual N-Channel LittleFETEnhancement Mode Power MOSFET
|
Fairchild Semiconductor Corporation
|
FQPF45N03L |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 29A I(D) | TO-220F 晶体管| MOSFET的| N沟道| 30V的五(巴西)直|9A条(丁)|20F 30V LOGIC N-Channel MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ZXMN3F31DN8TA ZXMN3F31DN8 |
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET 30V SO8 dual N-channel enhancement mode MOSFET
|
Diodes Incorporated
|
FDC796N FDC796NNL |
30V N-Channel PowerTrench MOSFET Recommend FDC796N_F077 12.5 A, 30 V, 0.009 ohm, N-CHANNEL, Si, POWER, MOSFET 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
|