PART |
Description |
Maker |
AD421 AD421BR EVAL-AD421EB AD421BN AD421BRRL EVAL- |
Loop-Powered 4 mA to 20 mA DAC Loop-Powered 4-20 mA DAC 18-Bit/ 2.5 LSB INL/ 570 kSPS SAR ADC 1 MSPS/ 12-Bit ADCs Evaluation Board for 1MSPS/ 12-Bit ADC SigmaDSP 3-Channel/ 26-Bit Signal Processing DAC Low Cost/ Low Power CMOS General Purpose Analog Front End EvaluationBoardforLowCost/LowPower/ CMOSGerneralPurposeDualAnalogFrontEnd Evaluation Board for 12-bit high speed/ low power/ successive-approximation ADC Evaluation Board AD1555/1556 24-Bit ADC 1.8 V/ Micro-Power/ 8/10/12-Bit ADCs in 6 Lead SOT-23 Evaluation Board for 1MSPS/ 12-/ 10-Bit ADCs 2.35 V to 5.25 V/ 1 MSPS/ 12-/10-/8-Bit ADCs in 6-Lead SC70 Multichannel 24-Bit/ 192 kHz/ DAC 2 ADC/ 8 DAC/ 96 kHz/ 24-Bit Codec Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End AD73360L Evaluation Board/ Six Input Channel Analog Front End 3MSPS/ 12-Bit SAR ADC 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC Differential Input/ Dual 2 MSPS/ 12-Bit/ 3-Channel SAR ADC Software Selectable True Bipolar Input/ 2-Channel/ 12-Bit Plus Sign ADC Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Evaluation Board for 10-bit high speed/ low power/ successive-approximation ADC 32-Channel/ 14-Bit Voltage-Output DAC 3MSPS/ 14-Bit SAR ADC
|
AD` AD[Analog Devices] ATMEL Corporation Analog Devices, Inc. http://
|
AD7672TE10 AD7672LN05 AD7672LN10 AD7672UQ05 AD7672 |
Reed Relay; Contacts:SPST; Contact Carry Current:1A; Coil Voltage DC Max:24V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes RoHS Compliant: Yes LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CQCC28 LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
AD7684 AD7684BRM AD7684BRMRL7 EVAL-AD7684CB |
16-BIT Differential PulSAR® ADC in µSO8 16-Bit, 100 kSPS PulSAR Differential ADC in MSOP
|
AD[Analog Devices] Analog Devices, Inc.
|
AD7821KRZ-REEL |
High Speed, µP-Compatible, CMOS, 8-Bit Sampling ADC; Package: SOIC - Wide; No of Pins: 20; Temperature Range: Commercial 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20
|
Analog Devices, Inc.
|
ADA4922-1 ADA4922-1ARDZ-R7 ADA4922-1ARDZ-RL ADA492 |
High Voltage, Differential 18-Bit ADC Driver From old datasheet system OP-AMP, DSO8
|
AD[Analog Devices] ANALOG DEVICES INC
|
LTC2415-1 LTC2415 LTC2415IGN LTC2415CGN LTC2415-1C |
24-Bit No Latency ADCs with Differential Input and Differential Reference 24-Bit No Latency Delta Sigma ADC with Differential Input and Differential Reference 24-Bit No Latency Delta Sigma ADC with Differential Input, 50/60Hz Rejection
|
LINER[Linear Technology]
|
AD8129 AD8130 AD8129ARM-REEL72 AD8130ARM-REEL72 AD |
Low-Cost 200MHz Differential Receiver Amplifier IC,DIFFERENTIAL AMPLIFIER,SINGLE,SOP,8PIN,PLASTIC From old datasheet system Low-Cost High-Speed Differential Receiver and Driver Low-Cost 270 MHz Differential Receiver Amplifiers 低成70 MHz的差分接收器放大 Low-Cost 270 MHz Differential Receiver Amplifiers SPECIALTY ANALOG CIRCUIT, PDSO8
|
AD[Analog Devices] adi Analog Devices, Inc.
|
MSK130 |
ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
|
MSK[M.S. Kennedy Corporation]
|
MSK130 |
ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
|
ETC[ETC]
|
LTC6400-14 LTC6403-1 LT6416 LTC6400-20 LTC6400-26 |
1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
|
Linear Technology
|
ADN4661 |
High Speed Differential Driver
|
Analog Devices
|