PART |
Description |
Maker |
3SBP200 3SB10 3SB6 3SBP80 3SB 3SB1 3SB1.25 3SB1.6 |
Slow Blow Fuse Series
|
http:// BEL[Bel Fuse Inc.]
|
1206SFS550F/24 |
Surface Mount Fuse Slow Blow
|
Tyco Electronics
|
C1S-17 |
SURFACE MOUNT SLOW BLOW CHIP FUSE
|
Bel Fuse Inc.
|
SST625 SST750 SST6.3 SST5 SST1 |
SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE
|
Bel Fuse Inc.
|
0230.375DRT1SP 023001.5DRT1SSP 02302.25DRT2SP 0230 |
TIME LAG BLOW ELECTRIC FUSE, 0.375A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 1.5A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 2.25A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 3.5A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 1.25A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 2.5A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT 229/230 Series Lead-Free 2AG, Slo-Blo? Fuse and Indicating Slo-Blo? Fuse TIME LAG BLOW ELECTRIC FUSE, 0.25A, 250VAC, 125VDC, 35A (IR), INLINE/HOLDER TIME LAG BLOW ELECTRIC FUSE, 3.5A, 250VAC, 125VDC, 100A (IR), INLINE/HOLDER TIME LAG BLOW ELECTRIC FUSE, 0.35A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 0.75A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 7A, 125VAC, 125VDC, 400A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 0.25A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE
|
HIROSE ELECTRIC Co., Ltd. Littelfuse
|
5SFP400 5SF400 |
Quick-acting Fuse Series (Low Breaking Capacity) FAST BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), THROUGH HOLE Quick-acting Fuse Series (Low Breaking Capacity) FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 35A (IR), THROUGH HOLE Quick-acting Fuse Series (Low Breaking Capacity) FAST BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), INLINE/HOLDER
|
Bel Fuse, Inc.
|
SF-0603S400 |
SinglFuse?/a> SF-0603S Series Features SF-0603S Series - Slow Blow Surface Mount Fuses
|
Bourns Electronic Solutions
|
0251.250PRT1HF 0251.125PRT1HF 0251.062PRT1HF 0251. |
VERY FAST BLOW ELECTRIC FUSE, 0.25A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.125A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.062A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 12A, 32VAC, 32VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 7A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 15A, 32VAC, 32VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 1.5A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 10A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 3A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
3M Company
|
5MTP800 5MT 5MT1 5MT1.25 5MT1.6 5MT100 5MT125 5MT1 |
Medium Blow Fuse Series
|
http:// BEL[Bel Fuse Inc.] Bel Fuse, Inc.
|
|