PART |
Description |
Maker |
ZXLD1370EST16TC |
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
|
Diodes Incorporated
|
CY8CLED04D02 CY8CLED04D01-56LTXI CY8CLED04D02-56LT |
PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
|
Cypress Semiconductor
|
MAX1759 MAX1759EUB |
Buck/Boost Regulating Charge Pump in uMAX Buck/Boost Regulating Charge Pump in MAX Buck/Boost Regulating Charge Pump in レMAX
|
MAXIM[Maxim Integrated Products]
|
AND8098 NCP1052ST136 CRCW08052001FRT1 UP2B-681 |
Low-Cost 100 mA High-Voltage Buck and Buck-Boost Using NCP1052
|
ON Semiconductor
|
594D227X9016R2T 595D685X9016A2T MMSD914T1 UP2B-681 |
Low-Cost 100 mA High-Voltage Buck and Buck-Boost Using NCP1052
|
http:// ONSEMI[ON Semiconductor]
|
LTC3890 LTC3890-1 |
60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
|
Linear Technology
|
ISL85402 ISL85402EVAL1Z ISL85402IRZ |
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
|
Intersil Corporation
|
LTC3522 LTC3522EUD |
Synchronous 400mA Buck-Boost and 200mA Buck Converters
|
Linear Technology
|
LTC3520 LTC3520EUF-PBF LTC3520EUF-TRPBF |
Synchronous 1A Buck-Boost and 600mA Buck Converters
|
Linear Technology
|
PSR54-9P PSA55-9R PSA55-7I PSR53-7R PSR53-9P PSR53 |
60V Single N-Channel Hi-Rel MOSFET in a TO-204AE package; A IRF054 with Standard Packaging Analog IC Fully optimized solution for high current synchronous buck multiphase applications in a LGA power block.; Similar to the iP2003A in Tape and Reel packaging. 500V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI460 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY340CM with Standard Packaging Synchronous Buck Multiphase Optimized BGA Power Block.; Tape and Reel version of the iP2002 -100V Single P-Channel Hi-Rel MOSFET in a 18-pin LCC package; A IRFE9110 with Standard Packaging Synchronous Buck Multiphase Optimized BGA Power Block.; A IP2002 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTXV2N6845 with Standard Packaging 模拟IC Dual Output Full Function 2 Phase Synchronous Buck Power Block, Integrated Power Semiconductors, PWM Controller and Passives.; A IP1202 with Standard Packaging 模拟IC
|
TE Connectivity, Ltd.
|