PART |
Description |
Maker |
PF351 PF352 PF35105 PF354 PF353 |
35Amp Fast Recover Rectifier 50 to 600 Volts
|
Micro Commercial Components
|
PF353 PF352 PF351 PF354 |
35Amp fast recover rectifier 50to100 volts
|
Shanghai Lunsure Electronic Tech
|
MSARS200S20LP MSARS200S20LRP |
HIGH CURRENT CAPABILITY & LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER 200 A, 200 V, SILICON, RECTIFIER DIODE HIGH CURRENT CAPABILITY & LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER Standard Rectifier (trr more than 500ns)
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
PBFR3523P PBFR3523N PBFR3523-43 |
35Amp Bosch Type Pressfit AVALANCHE Automotive Rectifiers
|
First Components International FCI connector
|
PFR3501 PFR3501N PFR3501P PFR3502P PFR3502N PFR350 |
35Amp 1/2 Pressfit 1.0mm LEAD Auto Rectifiers High Current Capability
|
FCI connector First Components International
|
S3XB-13-F S3X-13-F S3JB-13-F S3GB-13-F |
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER RECTIFIER STANDARD SINGLE 3A 600V 600 100A-ifsm 10uA-ir 1.15V-vf SMB 3K/REEL 3 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER STANDARD SINGLE 3A 400V 400 100A-ifsm 10uA-ir 1.15V-vf SMB 3K/REEL 3 A, 400 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
1N1202AR JANTX1N1202A 1N3673AR 1N1202A 1N1204A 1N1 |
Standard Rectifier (trr more than 500ns) Military Silicon Power Rectifier 12 A, 600 V, SILICON, RECTIFIER DIODE, DO-203AA
|
MICROSEMI CORP-LAWRENCE MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
SDM30008 SDM30016 SDM30004 SDM300 SDM30002 SDM3000 |
300 A, 400 V, SILICON, RECTIFIER DIODE SILICON POWER RECTIFIER Standard Rectifier (trr more than 500ns)
|
MICROSEMI CORP-COLORADO MICROSEMI[Microsemi Corporation]
|
KP647 KP247 KP447 KP457 |
(KP4xx) Quick Connect Controlled Avalanche Rectifier Standard Rectifier (trr more than 500ns)
|
MICROSEMI[Microsemi Corporation]
|