PART |
Description |
Maker |
R125791501 R125703001 |
ADAPTOR, SMA M-F, PUSH-ON; Connector type A:SMA Male; Connector type B:SMA Female; Impedance:50R RoHS Compliant: Yes ADAPTOR, SMA PLUG/PLUGADAPTOR, SMA PLUG/PLUG; Connector type A:SMA Plug; Connector type B:SMA Plug; Frequency, operating max:18kHz; Impedance:50R; Insulation Resistance:5000MR; Material:Stainless steel; Material, contact:Beryllium
|
RADIALL S A
|
PE3706LF |
CABLE ASSEMBLY, RG188A/U, SMA MALE TO SMA FEMALE (LEAD FREE)
|
Pasternack Enterprises,...
|
PE34299 |
CABLE ASSEMBLY PE-SR402FL SMA MALE RIGHT ANGLE TO SMA FEMALE BULKHEAD
|
Pasternack Enterprises, Inc.
|
PE7018-1 |
1 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
|
Pasternack Enterprises,...
|
PE3382LF |
CABLE ASSEMBLY PE-SR047AL SMA MALE TO SMA FEMALE BULKHEAD
|
Pasternack Enterprises, Inc.
|
PE7336-30 |
30 dB Fixed Attenuator, SMA Male To SMA Female Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7336-40 |
40 dB Fixed Attenuator, SMA Male To SMA Female Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7336-10 |
10 dB Fixed Attenuator, SMA Male To SMA Female Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE8211 |
DC Block on Outer Conductor 50 Ohm SMA Male to SMA Female Operating From 10 MHz to 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7221-30 |
30 dB Fixed Attenuator, SMA Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE7221-60 |
60 dB Fixed Attenuator, SMA Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE3864 |
CABLE ASSEMBLY RG400/U SMA MALE TO SMA FEMALE
|
Pasternack Enterprises, Inc.
|