PART |
Description |
Maker |
ADM693 ADM692 |
Analog Switch / Multiplexer (Mux) IC; On-Resistance, Rds(on):85ohm; Analog Switch Function:Analog Switch; Leakage Current:0.5nA; Supply Voltage Max Analog Switch / Multiplexer (Mux) IC; Analog Switch Function:Analog Switch; Package/Case:16-DIP; Leaded Process Compatible:No; Leakage Current:0.5nA
|
Analog Devices, Inc.
|
ADG333A ADG333ABN ADG333ABR ADG333ABRS ADG333 |
Quad SPDT Switch QUAD 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDIP20 5 V Quad SPST Switch
|
Analog Devices, Inc. AD[Analog Devices]
|
HSMP-3890-TR1 HSMP-3890-TR2 HSMP-3892-TR1 HSMP-389 |
HSMP-389T · PIN switch diode HSMP-3890 · PIN switch diode HSMP-3892 · PIN switch diode HSMP-389E · PIN switch diode HSMP-3893 · PIN switch diode HSMP-489B · Low inductance PIN switch diode HSMP-4890 · Low inductance PIN switch diode Surface Mount RF PIN Switch Diodes
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] http://
|
QVA11134 |
Slotted Optical Switch; Package: Slotted Switch QVA; No of Pins: 4; Container: Rail 3.18 mm SLOT WIDTH, 1 CHANNEL SLOTTED OPTICAL SWITCH TRANSISTOR OUTPUT
|
Fairchild Semiconductor, Corp.
|
SLD344YT-3 SLD344YT SLD344YT-1 SLD344YT-2 SLD344YT |
Rotary Switch; Contact Current Max:1.5A; No. of Poles:1; No. of Switch Positions:6; Indexing:60 ; Switch Terminals:Through Hole; Circuitry:SPST; Mounting Type:PCB RoHS Compliant: Yes 6W高功率激光二极管 Rotary Switch; No. of Switch Positions:10; Circuitry:SPDT; Contact Current Max:1.5A; Indexing:30 ; Contact Rating:1.5A at 28VDC; Mounting Type:Panel; Number of Positions:10; Switch Features:30 degrees Indexing; Switch Function:SPDT 6W高功率激光二极管 Rotary Switch; Contact Current Max:1.5A; No. of Poles:6; No. of Switch Positions:2; Indexing:30 ; Switch Terminals:Through Hole; Circuitry:6PST; Mounting Type:PCB RoHS Compliant: Yes 6W高功率激光二极管 Rotary Switch; Contact Current Max:9A; No. of Switch Positions:2; Circuitry:SPST RoHS Compliant: Yes 6W高功率激光二极管 Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:4; Impedance:100ohm; Voltage Nom.:600V RoHS Compliant: Yes 6W High Power Laser Diode
|
Sony, Corp. SONY[Sony Corporation]
|
NC7SB3157L6X FSA3157P6X FSA3157 FSA3157L6X NC7SB31 |
TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO6 TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch 微型逻辑低电压超高强SPDT模拟开关或2:1多路复用解复用器总线开 TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
TK11330B TK11330BMCB TK11330BMCL TK11330BUCB TK113 |
VOLTAGE REGULATOR WITH ON/OFF SWITCH 调压ON / OFF开 VOLTAGE REGULATOR WITH ON/OFF SWITCH 调压器ON / OFF开 SWITCH PB 4PDT MOMENTARY 调压器ON / OFF开 VOLTAGE REGULATOR WITH ON/OFF SWITCH 3.3 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO6
|
http:// TOKO[TOKO Inc] TOKO[TOKO, Inc] TOKO Inc. TOKO, Inc.
|
56P36-01-2-05S-F 56P36-01-2-05N-C 56P36-01-2-05S-C |
ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, THROUGH HOLE-STRAIGHT ROHS COMPLIANT ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 0.2A, 30VDC, PANEL MOUNT ROTARY SWITCH-11POSITIONS, SP11T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc. GRAYHILL INC
|
Q67060-S7216-A001 BTS3118N |
Protected Low Side Switch SMART LOWSIDE POWER SWITCH 智能LOWSIDE电源开
|
INFINEON[Infineon Technologies AG]
|
65041K206 |
SPECIAL SWITCH-MULTI SWITCH, DPDT, LATCHED, 0.5A, 125VDC, PANEL MOUNT
|
SWITCHCRAFT INC
|
|