PART |
Description |
Maker |
HSMS-B2825 HSMS-B2825-TR2G HSMS-2820-BLKG HSMS-282 |
HSMS-282P · RF mixer/detector diode HSMS-282K · RF mixer/detector diode Surface Mount RF Schottky Barrier Diodes HSMS-282F · RF mixer/detector diode HSMS-2829 · RF mixer/detector diode HSMS-282R · RF mixer/detector diode HSMS-2825 · RF mixer/detector diode HSMS-2823 · RF mixer/detector diode HSMS-2822 · RF mixer/detector diode HSMS-2824 · RF mixer/detector diode HSMS-2820 · RF mixer/detector diode HSMS-282L · RF mixer/detector diode
|
Agilent(Hewlett-Packard... http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
MC145010DW MC145010P MC145011DW MC145011P MC145012 |
Photoelectric Smoke Detector with I/O Micro-Power Comparator plus Voltage Follower Photoelectic Smoke Detector IC with I/O and Temporal Pattern Horn Driver Ionization Smoke Detector with I/O For Line-Powered Applications Timing Circuits Other Analog Circuits
|
MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
KIA7435F KIA7435P KIA7421F KIA7421P KIA7434F KIA74 |
VOLTAGE DETECTOR 电压检测器 (KIA7419 - KIA7445) VOLTAGE DETECTOR Active High Voltage Detector
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
MC14LC5447 |
CALLING LINE ID RECEIVER WITH RING DETECTOR From old datasheet system Calllng Line Identlflcatlon (CLID) Recelver With Rlng Detector
|
Motorola
|
FX611 FX611J FX611LG FX611LS |
Subscriber Private Metering (SPM) Detector Sybscriber private metering (SRM) detector
|
CML CONSUMER MICROCIRCUITS LIMITED
|
AD8363-EVALZ1 AD836309 AD8363ACPZ-R7 |
50 Hz to 6 GHz, 50 dB TruPwr Detector 50 Hz to 6 GHz, 50 dB TruPwr垄芒 Detector
|
Analog Devices
|
LT5537 LT5537EDDB LT5537EDDBTRPBF |
Wide Dynamic Range RF/IF Log Detector; Package: DD PAK; No of Pins: 8; Temperature Range: -40°C to 125°C 10 MHz - 1000 MHz RF/MICROWAVE LINEAR DETECTOR, 22 dBm INPUT POWER-MAX
|
Linear Technology, Corp.
|
R3131N26EA5-TR R3131NXXXA R3130NXXXA R3130N36EA-TR |
Low Voltage Detector with built-in Delay Circuit Low Voltage Detector with built in Delay Circuit Low voltage detector with built-in delay circuit. Detector threshold 3.6V. Standard output delay time 240ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 400ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 100ms. Output type CMOS. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 50ms. Output type CMOS. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Standard output delay time 240ms. Output type CMOS. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 50ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 100ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 200ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Standard output delay time 240ms. Output type Nch open drain. Taping type TR.
|
Ricoh
|
EPM605-250 EPM605LL-250 EPM606-250 EPM606LL-250 EP |
FIBER OPTIC PHOTODIODE DETECTOR, 40000Mbps, PANEL MOUNT, FC/APC CONNECTOR C-Band, L-Band, Pass Band Low Leakage PIN Photodiodes FIBER OPTIC PHOTODIODE DETECTOR, 40000Mbps, THROUGH HOLE MOUNT, FC/SPC CONNECTOR HERMETIC SEALED PACKAGE-3 FIBER OPTIC PHOTODIODE DETECTOR, 40000Mbps, PANEL MOUNT, FC/SPC CONNECTOR HERMETIC SEALED PACKAGE-3 FIBER OPTIC PHOTODIODE DETECTOR, 40000Mbps, PANEL MOUNT, FC/SPC CONNECTOR HERMETIC SEALED PACKAGE-2 FIBER OPTIC PHOTODIODE DETECTOR, 40000Mbps, PANEL MOUNT, SC/SPC CONNECTOR
|
JDS Uniphase Corporation JDS Uniphase, Corp.
|
B8220K6 HSMS2825 HSMS2828 HSMS2829 HSMS282E HSMS28 |
2.2V 1Amp surface mount zero bias schottky detector diode 2.0V 1Amp surface mount zero bias schottky detector diode 4.9V 1Amp surface mount zero bias schottky detector diode 4.7V 1Amp surface mount zero bias schottky detector diode 4.5V 1Amp surface mount zero bias schottky detector diode 4.2V 1Amp surface mount zero bias schottky detector diode 4.0V 1Amp surface mount zero bias schottky detector diode Rectifier Diode Surface Mount Zero Bias Schottky Detector Diodes 4.1V 1Amp surface mount zero bias schottky detector diode 4.4V 1Amp surface mount zero bias schottky detector diode 4.3V 1Amp surface mount zero bias schottky detector diode 4.6V 1Amp surface mount zero bias schottky detector diode 4.8V 1Amp surface mount zero bias schottky detector diode 2.4V 1Amp surface mount zero bias schottky detector diode
|
http:// List of Unclassifed Manufacturers ETC[ETC] BayLinear Electronic Theatre Controls, Inc.
|
SL623 |
AM DETECTOR, AGC AMPLIFIER & SSB DEMODULATOR AM检测器,AGC放大 AM DETECTOR, AGC AMPLIFIER & SSB DEMODULATOR
|
DOMINANT Opto Technologies Sdn. Bhd. Zarlink Semiconductor Inc.
|