PART |
Description |
Maker |
PB-CMM0511-QT-0000 CMM0511-QT-0G0T CMM0511-QT-0G00 |
5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier 5.0-14.0 GHz的砷化镓微波单片集成电路封装驱动放大 5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier 5000 MHz - 14000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
Mimix Broadband, Inc. ATM Electronic, Corp.
|
T7024-TRS T7024 T7024-PGP T7024-PGQ T7024-TRQ |
The T7024 is a monolithic SiGe transmit/receive front-end IC with power amplifier, low-noise amplifier and T/R switch driver. It is especially designed for operation in TDMA systems like Bluetooth and WDCT. BluetoothISM 2.4-GHz Front- End IC Bluetooth?ISM 2.4-GHz Front- End IC Bluetooth⑩/ISM 2.4-GHz Front- End IC Bluetooth/ISM 2.4-GHz Front- End IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
CMM3020-BD-0048 CMM3020-BD-0192 |
30 kHz to 20 GHz GaAs MMIC Optical Modulator Driver Amplifer 0.03 MHz - 20000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 30 kHz to 20 GHz GaAs MMIC Optical Modulator Driver Amplifer 30 kHz20 GHz的砷化镓单片光调制器驱动放大
|
Mimix Broadband, Inc.
|
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
AT90-0283 AT90-0283-TB AT90-0283TR |
Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz ER 5C 3#16 2#8 PIN RECP Digital Attenuator/ 15.5 dB/ 5-Bit/ TTL Driver/ DC-3.5 GHz
|
Tyco Electronics
|
CXG1027TM |
Two-Stage Driver Amplifier For 800 MHz and 1.5 GHz PDC(800 MHz and 1.5 GHz PDC双阶驱动器放大器)
|
Sony Corporation
|
HA6009 |
9.0 - 10.0 GHz Driver Amplifier
|
HBH Microwave GmbH
|
TGA2731-SM-15 |
2.7 to 4.0 GHz Driver Amplifier
|
TriQuint Semiconductor
|
AMMC-6345 AMMC-6345-W10 AMMC-6345-W50 |
20 - 45 GHz Driver Amplifier
|
AVAGO TECHNOLOGIES LIMITED
|
TC1952 |
14 - 18 GHz 26dBm Driver MMIC
|
Transcom, Inc.
|
RMWD24001 |
21 - 26.5 GHz Driver amplifier MMIC
|
Fairchild Semiconductor
|