PART |
Description |
Maker |
BHXXLB1WG BHXXLB1WHFV BH29FB1WG BH29FB1WHFV BH30FB |
Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators low dropout CMOS regulators with 150 mA and 300 mA Standard CMOS LDO Regulators Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
|
Rohm
|
FAN251010 |
100 mA CMOS LDO Regulators
|
Fairchild Semiconductor
|
FAN2510 FAN2511X30 FAN2511X33 FAN2511X25 FAN2511X2 |
100 mA CMOS LDO Regulators with Fast Start Enable
|
Fairchild Semiconductor
|
ECU-V1H103KBV ILC7080AIM5-285 ILC7080AIM5-30 ILC70 |
50/100M SOT-23 CMOS RF LDO REGULATORS 50mA CMOS RF-LDO regulator 100mA CMOS RF-LDO regulator
|
Impala Linear Corporation
|
AME8841REHA AME8841 AME8841AEHA AME8841BEHA AME884 |
Output voltage: 1.5V; 600mA CMOS LDO Output voltage: 3.1V; 600mA CMOS LDO Output voltage: 2.9V; 600mA CMOS LDO Circular Connector; No. of Contacts:100; Series:MS27466; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:23; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 600毫安的CMOS LDO稳压 Output voltage: 2.85V; 600mA CMOS LDO Output voltage: 3.7V; 600mA CMOS LDO
|
AME[Analog Microelectronics] AME, Inc.
|
1763FS LT1763-2.5 LT1763-1.5 LT1763-1.8 LT1763-3.3 |
500mA, Low Noise, LDO Micropower Regulators(2.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(1.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(3V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(2.5V输出000mA,低噪声,低压差稳压器) 500mA的,低噪声,LDO的微功耗稳压器2.5V的输出,五零零零毫安,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3.3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.8V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.5V输出5000mA,低噪声,低压差稳压器) From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation
|
TC1016 TC1016-1.85VCTTR TC1016-1.85VLTTR |
TC1016 is a high accuracy (typically ±0.5%) CMOS upgrade for bipolar low dropout regulators. It is offered in an SC-70 package, ... 80MA TINY CMOS LDO WITH SHUTDOWN
|
Microchip Technology
|
BU33TD3WG BU33TD3WG-TR BU28TD3WG-TR BU18TD3WG BU34 |
1ch 200mA CMOS LDO Regulators
|
ROHM
|
BH15MA3WHFV BH30MA3WHFV BH31MA3WHFV BH31MA3WHFV-TR |
1ch 300mA CMOS LDO Regulators
|
ROHM
|
BU18SD2MG-MTR BU30SD2MG-MTR BU15SD2MG-MTR BU33SD2M |
1ch 200mA CMOS LDO Regulators
|
Rohm
|
BHXXRB1WGUT BHXXRB1WGUT09 |
Ultra Small Package CMOS LDO Regulators
|
Rohm
|
FAN2512 FAN2513X25 FAN2513X26 FAN2513X27 FAN2513X2 |
150 mA CMOS LDO Regulators with Fast Start Enable
|
Fairchild Semiconductor
|