PART |
Description |
Maker |
D2806-42 D2814-42 D2922-42 |
2.54mm Pitch Dual Row PC Tail IC Socket Assembly, gold clip tin shell, 6-way DIP6, IC SOCKET 2.54mm Pitch Dual Row PC Tail IC Socket Assembly, gold clip tin shell, 14-way DIP14, IC SOCKET 2.54mm Pitch Dual Row PC Tail IC Socket Assembly, gold clip tin shell, 22-way DIP22, IC SOCKET
|
Harwin PLC
|
M20-E011046 |
2.54mm Pitch SIL Vertical PC Tail Socket Assembly, tin, 10-way - twin beam contact 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin PLC
|
M20-7822046 M20-7823842 M20-7830246 M20-7831042 M2 |
2.54mm Pitch SIL Vertical PC Tail Socket Assembly, tin, 20-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, selective gold tin, 38-way 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch DIL Vertical PC Tail Socket Assembly, tin, 2 2-way 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch DIL Vertical PC Tail Socket Assembly, selective gold tin, 10 10-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, selective gold tin, 19-way 19 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, selective gold tin, 20-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, tin, 11-way 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, tin, 35-way 35 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, selective gold tin, 25-way 25 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, selective gold tin, 15-way 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, tin, 22-way 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, selective gold tin, 13-way 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, selective gold tin, 10-way 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, tin, 31-way 31 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, selective gold tin, 22-way 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch DIL Vertical PC Tail Socket Assembly, tin, 7 7-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, selective gold tin, 40-way
|
Harwin PLC HARWIN INC
|
D3920-01 D3916-01 |
2.54mm Pitch Dual Row PC Tail Display IC Socket Assembly, gold clip tin/lead shell, 20-way 2.54mm Pitch Dual Row PC Tail Display IC Socket Assembly, gold clip tin/lead shell, 16-way
|
HARWIN INC
|
M52-5110945 111245 |
1.27mm Pitch DIL Vertical PC Tail Socket Assembly, 8.5mm height, gold, 9 9-way 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 1.27mm Pitch DIL Vertical PC Tail Socket Assembly, 8.5mm height, gold, 12 12-way
|
Harwin PLC HARWIN INC
|
FAS-16-17 FAS-6401-2101-1-0BF FAS-6401-2101-2-0AF |
MIL Std. IDC Type Socket, (2.54mm Pitch) IDC - Socket, 2.54mm Pitch (2-Point Contact)
|
Yamaichi Electronics Co., Ltd.
|
0877057417 87705-7417 |
1.00mm (.039) Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm (.100) Tail Length, White Latches, Nylon 4/6 Glass-filled, White Housing
|
Molex Electronics Ltd.
|
PKC109-7S1202-M PKC112-7S1605-M PKC104-7S1416-M PK |
PGA109, IC SOCKET PGA112, IC SOCKET PGA104, IC SOCKET PGA100, IC SOCKET PGA101, IC SOCKET PGA108, IC SOCKET PGA114, IC SOCKET PGA180, IC SOCKET PGA141, IC SOCKET PGA96, IC SOCKET PGA272, IC SOCKET PGA300, IC SOCKET PGA189, IC SOCKET PGA207, IC SOCKET PGA238, IC SOCKET PGA181, IC SOCKET PGA223, IC SOCKET PGA156, IC SOCKET PGA168, IC SOCKET PGA85, IC SOCKET PGA257, IC SOCKET PGA160, IC SOCKET PGA84, IC SOCKET PGA145, IC SOCKET PGA121, IC SOCKET PGA32, IC SOCKET PGA287, IC SOCKET PGA88, IC SOCKET PGA149, IC SOCKET PGA122, IC SOCKET
|
Thomas ?Betts, Corp. THOMAS & BETTS CORP
|
PGM144-1A1440-V PGM148-2A1428-V PGM148-3B1428-V PG |
PGA144, IC SOCKET PGA148, IC SOCKET PGA52, IC SOCKET PGA32, IC SOCKET PGA46, IC SOCKET PGA40, IC SOCKET PGA65, IC SOCKET PGA57, IC SOCKET PGA64, IC SOCKET PGA49, IC SOCKET PGA240, IC SOCKET PGA56, IC SOCKET PGA143, IC SOCKET PGA361, IC SOCKET PGA108, IC SOCKET PGA159, IC SOCKET PGA175, IC SOCKET PGA225, IC SOCKET PGA142, IC SOCKET PGA625, IC SOCKET PGA101, IC SOCKET PGA300, IC SOCKET PGA80, IC SOCKET PGA153, IC SOCKET PGA224, IC SOCKET PGA134, IC SOCKET PGA112, IC SOCKET PGA192, IC SOCKET PGA88, IC SOCKET PGA189, IC SOCKET PGA133, IC SOCKET PGA73, IC SOCKET PGA323, IC SOCKET PGA132, IC SOCKET PGA155, IC SOCKET PGA160, IC SOCKET PGA230, IC SOCKET PGA124, IC SOCKET PGA172, IC SOCKET PGA241, IC SOCKET PGA122, IC SOCKET PGA92, IC SOCKET PGA223, IC SOCKET PGA455, IC SOCKET PGA206, IC SOCKET PGA156, IC SOCKET PGA200, IC SOCKET PGA120, IC SOCKET PGA84, IC SOCKET PGA301, IC SOCKET PGA279, IC SOCKET
|
Thomas ?Betts, Corp. THOMAS & BETTS CORP
|
0010897622 |
2.54mm (.100) Pitch C-Grid? Breakaway Header, Dual Row, Vertical, High Temperature, 62 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107) PC Tail
|
Molex Electronics Ltd.
|
0010897482 |
2.54mm (.100) Pitch C-Grid? Breakaway Header, Dual Row, Vertical, High Temperature, 48 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107) PC Tail
|
Molex Electronics Ltd.
|
0010897240 010-89-7240 |
2.54mm (.100") Pitch C-Grid庐 Breakaway Header, Dual Row, Vertical, High Temperature, 24 Circuits, 0.76渭m (30渭") Gold (Au) Selective Plating, Tin (Sn) PC Tail Pl 2.54mm (.100) Pitch C-Grid? Breakaway Header, Dual Row, Vertical, High Temperature, 24 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107) PC Tail
|
Molex Electronics Ltd.
|
|