PART |
Description |
Maker |
FDMS867408 FDMS8674 |
N-Channel PowerTrench垄莽 MOSFET 30V, 21A, 5.0m楼? N-Channel PowerTrench庐 MOSFET 30V, 21A, 5.0m惟 N-Channel PowerTrench? MOSFET 30V, 21A, 5.0mΩ
|
Fairchild Semiconductor
|
FDD044AN03 FDD044AN03L FDU044AN03L |
VARISTOR STD 250VRMS 3225 SMD 35 A, 30 V, 0.0044 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA 30V N-Channel PowerTrench? MOSFET 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDMS9620S |
Dual N-Channel PowerTrench? MOSFET Q1: 30V, 16A, 21.5mΩ Q2: 30V, 18A, 13mΩ Dual N-Channel PowerTrench㈢ MOSFET Q1: 30V, 16A, 21.5mヘ Q2: 30V, 18A, 13mヘ
|
Fairchild Semiconductor
|
IRHNB8Z60 IRHNB3Z60 IRHNB4Z60 IRHNB7Z60 |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 75A I(D) | SMT RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3) 30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-3 package 30V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-3 package
|
IRF[International Rectifier]
|
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
STS7PF30L |
P-CHANNEL 30V - 0.016 OHM - 7A SO-8 STRIPFET II POWER MOSFET P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET⑩ II POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FDU8874 FDD8874 |
N-Channel PowerTrench MOSFET 30V/ 116A N-Channel PowerTrench MOSFET 30V, 116A 35 A, 30 V, 0.0064 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FDS6672A01 FDS6672A FDS6672ANL FDS6672ANF073 FDS66 |
12.5 A, 30 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET 30V N-Channel PowerTrench MOSFET 30V N-Channel PowerTrench MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
AM29F080-150EEB AM29F080-150SEB AM29F080-120FEB AM |
x8 Flash EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3303S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3502S with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3808S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3707Z with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3307 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7809AV with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB59N10D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2703 with Standard Packaging x8闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRFL024N with Lead Free Packaging x8闪存EEPROM 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRFI530N with Lead Free Packaging
|
Amphenol, Corp.
|
FDB887010 FDB8870F085 FDB8870-F085 |
30V N-Channel PowerTrenchMOSFET N-Channel PowerTrench? MOSFET 30V, 160A, 3.9mΩ
|
Fairchild Semiconductor
|
STK85007 STK850 |
N-channel 30V - 0.0024Ω - 30A - PolarPAK? STripFET Power MOSFET nullN-channel 30V - 0.0024ヘ - 30A - PolarPAK㈢ STripFET⑩ Power MOSFET
|
STMicroelectronics
|
STP60NE03L-12 6077 |
N-CHANNEL Power MOSFET N - CHANNEL 30V - 0.009 ohm - 60A - T0-220 STripFET POWER MOSFET -通道30V 0.009欧姆-0A T0 220 STripFET功率MOSFET From old datasheet system N - CHANNEL 30V - 0.009 - 60A - T0-220 STripFET TM POWER MOSFET N - CHANNEL 30V - 0.009 Ohms - 60A - T0-220 STripFET POWER MOSFET
|
ST Microelectronics STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|