PART |
Description |
Maker |
HPR1000 HPR1001 HPR1002 HPR1003 HPR1004 HPR1005 HP |
1.0 Watt unregulated DC/DC converter. Nom.input voltage 12Vdc, rated output voltage 5Vdc, rated output current 200mA. 1.0 Watt unregulated DC/DC converter. Nom.input voltage 24Vdc, rated output voltage -15Vdc, rated output current -34mA. 1.0 WATT UNREGULATED SIP DC/DC CONVERTER 1-OUTPUT 1 W DC-DC UNREG PWR SUPPLY MODULE 1.0 WATT UNREGULATED SIP DC/DC CONVERTER 2-OUTPUT 1 W DC-DC UNREG PWR SUPPLY MODULE 1.0 Watt unregulated DC/DC converter. Nom.input voltage 5Vdc, rated output voltage 12Vdc, rated output current 83mA. 1.0 Watt unregulated DC/DC converter. Nom.input voltage 15Vdc, rated output voltage -15Vdc, rated output current -34mA.
|
C&D TECHNOLOGIES INC CANDD[C&D Technologies]
|
TEN10-1215 TEN10-4823 TEN10-1210 TEN10-1211 TEN10- |
DC/DC Converter TEN 10 Series 10 Watt(52.28 k) DC/DC Converter 直流/直流转换
|
http:// TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
HPR712 HPR717 HPR700 HPR703 HPR704 HPR705 HPR706 H |
5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 1000mA. 5 WATT UNREGULATED SIP DC/DC CONVERTER 5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -208mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -167mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 1000mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage -15VDC, rated output current -167mA.
|
CANDD[C&D Technologies]
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
AM14LS1205SNZ AM14LS2405SNZ AM14LS0503SNZ AM14LS05 |
0.25 Watt | DC-DC Converter
|
AIMTEC
|
AMEOS40-12DMAZ AMEOS40-15SMAZ AMEOS40-3.3SMAZ AMEO |
40 Watt | AC-DC Converter
|
AIMTEC
|
MSKW12D5W5 MSKW48D5W5 MSKW12S12W5 MSKW12D12W5 MSKW |
5 Watt DC/DC Converter
|
Wall Industries,Inc.
|
AM2G-0503SH30Z AM2G-0507SH30Z AM2G-0509SH30Z AM2G- |
2 Watt DC-DC Converter
|
AIMTEC
|
AM6T-4805S-VZ AM6T-2424S-VZ AM6T-4809D-VZ AM6T-480 |
6 Watt | DC-DC Converter
|
AIMTEC
|
AM5T-4805S-VZ AM5T-2424S-VZ AM5T-4809D-VZ AM5T-480 |
5 Watt | DC-DC Converter
|
AIMTEC
|
AM3T-4805S-VZ AM3T-2424S-VZ AM3T-0518D-VZ AM3T-051 |
3 Watt | DC-DC Converter
|
AIMTEC
|