PART |
Description |
Maker |
PWR6011 PWR6016 PWR6018 PWR6010 PWR6012 PWR6017 PW |
1.8 Watt regulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage 5VDC, rated output current 360mA. Analog IC 模拟IC 1.8 WATT UNREGULATED DC/DC CONVERTER 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 2.5Vz 20mA-Izt 0.05 100uA-Ir 1Vr DO35-GLASS 5K/AMMO 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE
|
Molex, Inc. Bourns, Inc. CANDD[C&D Technologies]
|
FDC15-48S12 FDC15-48S15 FDC15-48S05 FDC15 FDC15-24 |
From old datasheet system 15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS 15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS 15瓦直直流转换器,
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
VSX606MD35-1U VSX606MD35-U VSX606MD35 VSX606LD35 V |
60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER 60瓦双输出的四分之一砖DC / DC变换 60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER 2-OUTPUT 60 W DC-DC UNREG PWR SUPPLY MODULE
|
C&D Technologies
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
AM1DS-0505D-NZ AM1DS-0505SH30-NZ AM1DS-0512SH30-NZ |
1 Watt | DC-DC Converter
|
AIMTEC
|
AM2LP-NZ13 |
2 Watt | DC-DC Converter
|
AIMTEC
|
AMSRL-78-NZ1 |
Up to 7.5 Watt | DC-DC Converter
|
AIMTEC
|
AMEOS40-12DMAZ AMEOS40-15SMAZ AMEOS40-3.3SMAZ AMEO |
40 Watt | AC-DC Converter
|
AIMTEC
|
AM1L-050909D-NZ AM1L-1203S-NZ AM1L-120505D-NZ AM1L |
1 Watt | DC-DC Converter
|
AIMTEC
|
AM5TW-4805S-VZ AM5TW-4812D-VZ AM5TW-2403S-VZ AM5TW |
5 Watt | DC-DC Converter
|
AIMTEC
|
AM4T-4805S-VZ AM4T-2424S-VZ AM4T-4809D-VZ AM4T-480 |
4 Watt | DC-DC Converter
|
AIMTEC
|