PART |
Description |
Maker |
OET020YEHH OET020YEHH-A OET020YEJJ-A OET020ZEHH-A |
25 Watt, input voltage range:18-36V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-12V (3.5-0.35A) DC/DC converter TRIPLE OUTPUT 25 WATT T1/E1 Transformer Analog IC TRIPLE OUTPUT, 25 WATT 三路输出25瓦特
|
POWER-ONE[Power-One] EPCOS AG
|
IMX15 40IMX15-24-24-9 110IMY15-03-9RG 110IMY15-050 |
15 Watt, input voltage range:50-150V output voltage 5V (3500mA) DC/DC converter 15WattDC-DCConverters 15 Watt DC-DC Converters 1-OUTPUT 14.9 W DC-DC REG PWR SUPPLY MODULE
|
POWER-ONE[Power-One] POWER-ONE INC
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
AM1DS-0505D-NZ AM1DS-0505SH30-NZ AM1DS-0512SH30-NZ |
1 Watt | DC-DC Converter
|
AIMTEC
|
AME15-12DCJZ AME15-12SCJZ AME15-15DCJZ AME15-15SCJ |
15 Watt | AC-DC / DC-DC Converter
|
AIMTEC
|
AMSRL-78-NZ1 |
Up to 7.5 Watt | DC-DC Converter
|
AIMTEC
|
AM3TW-RVZ |
3 Watt | DC-DC Converter
|
AIMTEC
|
AMEL20-515DMAZ AMEL20-512DMAZ AMEL20-5SMAZ AMEL20- |
20 Watt | AC-DC Converter
|
AIMTEC
|
AM1D-4805S-RZ AM1D-2412DH30-RZ AM1D-0505D-RZ AM1D- |
1 Watt | DC-DC Converter
|
AIMTEC
|
AM5TW-4805S-RVZ AM5TW-4812D-RVZ AM5TW-2403S-RVZ AM |
5 Watt | DC-DC Converter
|
AIMTEC
|
AM2L-050909D-NZ AM2L-120505D-NZ AM2L-1212S-NZ AM2L |
2 Watt | DC-DC Converter
|
AIMTEC
|