PART |
Description |
Maker |
BXA10-48S12 BXA10-48S12W BXA10-48S15 BXA10 BXA10-1 |
2-line IPAD", EMI filter including ESD protection DC至DC转换 6-line IPAD", EMI filter including ESD protection 2-line IPAD", EMI filter including ESD protection 6-line IPAD", low capacitance EMI filter and ESD protection Mini and micro SD Card - EMI filtering and 25 kV ESD protection 7-line IPAD", EMI filter and ESD protection for LCD and cameras 6 line low capacitance EMI filter and ESD protection DC to DC Converter 8 line low capacitance EMI filter and ESD protection 8-10W Wide Input DC/DC Converters
|
ARTESYN[Artesyn Technologies]
|
1F25 |
EMI Suppression Filter; Voltage Rating:275V; Attenuation:30dB; Current Drain:40mA; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No; Phases:Single; Output Type:AC 275 V, SINGLE PHASE EMI FILTER
|
Crydom, Inc.
|
CSPRC032 CSPRC032500430 |
Chip scale EMI filter nerwork CHIP SCALE PACKAGE(CSP) EMI FILTER NETWORK
|
CALMIRCO[California Micro Devices Corp] http://
|
CM1422 CM1420 CM1422-03CS CM1420-03CP CM1420-03CS |
6 and 8 Channel LCD Filter Array ESD Protection with OptiGuard Coating (CSPEMI606/608 pin compatible) (CM1420 / CM1422) LCD EMI Filter Array with ESD Protection LCD EMI Filter Array with ESD Protection 液晶EMI滤波器与ESD保护阵列
|
CALMIRCO[California Micro Devices Corp] California Micro Devices Corporation
|
4600-007 4600-006 4601-005 4601-057 4601-053 4601- |
EMI/RFI FILTER Bushing 1/4in 1 FUNCTIONS, 70 V, 15 A, FEED THROUGH CAPACITOR EMI/RFI FILTER Hermetically Sealed 1/4in 1 FUNCTIONS, 70 V, 15 A, FEED THROUGH CAPACITOR EMI/RFI FILTER Hermetically Sealed 1/4in 1 FUNCTIONS, 70 V, 15 A, DATA LINE FILTER EMI/RFI FILTER Hermetically Sealed 1/4in 1 FUNCTIONS, 50 V, 15 A, DATA LINE FILTER
|
TUSONIX, Inc. Molex, Inc. TUSONIX INC
|
EMIF08-VID01F2 |
8-line EMI filter and ESD protection for display interfaces 8 line low capacitance EMI filter and ESD protection
|
ST Microelectronics STMicroelectronics
|
EMIF10-COM01 |
EMI滤波器包括静电放电保 ±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 8-MSOP EMI FILTER INCLUDING ESD PROTECTION EMI FILTER INCLUDING ESD PROTECTION
|
STMicroelectronics ST Microelectronics
|
NUF4107FC NUF4107FCT1G |
From old datasheet system 4 Channel EMI Pi-Filter Array with Full USB Filter
|
ON Semiconductor
|
4201-028 |
EMI/RFI FILTER Bushing #8 1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER
|
TUSONIX, Inc.
|
EM10Q100 EM10Q-100 EM10Q-100-T13 EM10Q-100-LF-T13 |
10 FUNCTIONS, DATA LINE FILTER LCD - EMI FILTER/TVS ARRAY
|
PROTEC[Protek Devices]
|
4261-001 |
EMI/RFI FILTER Bushing #4 1 FUNCTIONS, 50 V, 3 A, DATA LINE FILTER
|
TUSONIX, Inc.
|
P3717-AL Q4018-AL Q4007-AL |
Combination Line Filter Choke SINGLE PHASE EMI FILTER
|
Coilcraft lnc. COILCRAFT INC
|