PART |
Description |
Maker |
ST103SSERIES ST103S04PFN0 ST103S08PFN0 ST103S04PFL |
64K/128K x 8/9 Dual-Port Static RAM 400V 165A逆变晶闸管采用TO - 209AC(到94)封 INVERTER GRADE THYRISTORS 400V 165A Inverter Thyristor in a TO-209AC (TO-94) package 800V 165A Inverter Thyristor in a TO-209AC (TO-94) package
|
Lamina Lighting, Inc. International Rectifier
|
2B6I690-1100-400WM 2B6I690-1100-400WS |
3 x 800A AC at 690V AC, watercooled
|
eupec GmbH
|
1B6I690-1100-400W |
3 x 400A AC at 690V AC, watercooled
|
eupec GmbH
|
ECP225PS12 ECP225PS15 |
150/225 W Convection/ Forcedcooled
|
XP Power Limited
|
6PS0300R12KE3-3G |
3x 181A AC at 400V AC, forced air (fan not implemented)
|
eupec GmbH
|
4PS0400R06KE3-3G |
2x 300A AC at 230V AC, forced air (fan not implemented)
|
Infineon Technologies AG
|
6PS0200R12KE3-3GH |
3x 172A AC at 400V AC, forced air (fan not implemented)
|
Infineon Technologies AG
|
SPF-500 SPF-750 SPF-1000 |
500-1000 Watts Single Output, Forced Current Sharing
|
SL Power Electronics
|
NSYCVF560M115PF |
ClimaSys forced vent. IP54, 560m3/h, 115V,with outlet grille and filter G2
|
List of Unclassifed Man...
|
NMX-503-0512 NMX-500 NMX-504-1205 NMX-504-1212 NMX |
500 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
|
SL Power Electronics
|
PSRL0402-I PSRL0402X-48I PSRL0402X-18I PSRL0402X-0 |
400 Watt with Airflow Forced Current Sharing Series Single Output Medical Approved AC/DC Switching Power Supply with Active PFC
|
Wall Industries,Inc.
|