PART |
Description |
Maker |
2N2509A |
LOW LEVEL LOW NOISE NPN SILICON PLANAR TRANSISTORS
|
New Jersey Semi-Conductor Products, Inc.
|
2N5833 FTSO5831 FTSO5833 FTSO5830 FTSO5961 |
NPN small signal high voltage general purpose amplifier. NPN low level low noise amplifier.
|
Fairchild Semiconductor
|
2SC9014 |
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE PRE-AMPLIFIER/ LOW LEVEL & LOW NOISE Transistors PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers USHA India LTD
|
MMBT9015L-X-AE3-R MMBT9015G-X-AE3-R MMBT901511 |
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
|
Unisonic Technologies
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
UPA827 UPA827TF UPA827TF-T1 PA827TF |
High-Frequecy Low-Noise Amplifier NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 6-PIN 2 x 2SC5179 THIN-TYPE SMALL MINI MOLD
|
NEC Corp.
|
2SC5472 2SC547 |
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation) L BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
2SC4095 2SC4095-T1 2SC4095R 2SC4095R-T2 2SC4095R-T |
For amplify microwave and low noise. MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
|
NEC[NEC]
|
2SC3356 2SC3356S 2SC3356R24 2SC3356R25 2SC3356R23 |
For amplify low noise and high frequency MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR) TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 100MA I(C) | SOT-346 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 12V的五(巴西)总裁| 100mA的一(c)|的SOT - 346
|
NEC[NEC] NEC Corp. NEC, Corp.
|
2SC4225 2SC4225R2 2SC4225R3 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 70MA I(C) | SOT-323 MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
|
NEC Corp. NEC[NEC]
|
BFY50L |
Bipolar NPN Device in a Hermetically sealed TO5 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????)
|
Seme LAB
|
2SB1118 2SD1618 2SD1616AK 2SD1616U |
Low-Power, Single/Dual-Level Battery Monitors with Hysteresis TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 1A I(C) | TO-92 PNP/NPN Epitaxial Planar Silicon Transistors Low-Voltage High-Current Amplifier, Muting Applications
|
Sanyo
|