PART |
Description |
Maker |
12-142 13-142 |
Terminal Block; Number of Positions:12; Pitch Spacing:0.563"; Wire Size (AWG):10; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .563 13 POS 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Cinch Connectors
|
1697120000 |
Terminal Block; Number of Positions:2; Pitch Spacing:0.2"; Wire Size (AWG):26-12; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; Number of Contacts:2; Terminal Block Clamp Type:Screw Clamp
|
WEIDMULLER
|
1770970000 |
Terminal Block; Number of Positions:5; Pitch Spacing:0.138"; Wire Size (AWG):22-20; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; Number of Contacts:5 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET
|
Weidmuller, Corp.
|
0128360000 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 36 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1608640000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Tension Clamp MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
57.504.0055.0 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Gray; Current Rating:35A; Terminal Block Clamp Type:Feed-Thru Terminals; Voltage Rating:600V RoHS Compliant: Yes 35 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|
39910-0102 39910-0105 39910-0103 39910-0108 913507 |
CONN TERM BLOCK 2POS 10.16MM 60A 60 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK NEO 10.16mm Hi-Pwr 60A S91 Sty05 Ckt05 60 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK 399100103 60 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 8POS 10.16MM 60A 60 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK 40 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc. MOLEX INC
|
25.640.3353.0 |
Terminal Block RoHS Compliant: Yes 8 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc.
|
39860-0210 39860-0302 |
SR BTS VERT RGT 10 ASY PL 15 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 2POS 5.08MM STR 15 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
1728307 |
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
|
PHOENIX CONTACT
|
25.700.0153.0 |
Terminal Block; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 30 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc.
|
|