PART |
Description |
Maker |
2SJ226 |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0503-0 00; No. of Positions: 8; Connector Type: Wire Very High-Speed Switching Applications
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
DF1E-07EP-2.5C DF1EA-07EP-2.5C DF1E-04EP-2.5C DF1E |
2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
|
Hirose Electric
|
2SJ602 2SJ602-S 2SJ602-ZJ 2SJ602-Z |
MOS FIELD EFFECT TRANSISTOR Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0632-3 00; No. of Positions: 30; Connector Type Pch power MOSFET 60V RDS(on)MAX=73m ohm TO-220AB,TO-262,TO-263
|
NEC Corp.
|
2SJ327 2SJ327-Z 2SJ327-Z-T1 2SJ327-Z-E2 2SJ327-Z-T |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0620-4 00; No. of Positions: 6; Connector Type: Panel SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE P-channel enhancement type
|
NEC Corp. NEC[NEC]
|
08-50-0028 08-58-0105 08-58-0118 08-58-0187 08-50- |
KK 156 TERM CRP 18-20 AWG TRIFURCON TIN BRASS, TIN (200) OVER COPPER FINISH, WIRE TERMINAL KK 156 TERM CRP 18-20 AWG TRIFURCON GOLD PHOSPHOR BRONZE, GOLD (15) OVER NICKEL FINISH, WIRE TERMINAL KK 156 TERM CRP 18-20 AWG TRIFURCON GOLD PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Solderless Terminal; Body Material:Brass; Contact Plating:Tin; Series:6838; Wire Size (AWG):20-18; External Depth:0.11"; Lead Pitch:3.96mm; Operating Temp. Min:0 C; Voltage Rating:250V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
19070-0044 19070-0040 19070-0042 19070-0005 19070- |
190700044 0.8 mm2, COPPER ALLOY, WIRE TERMINAL CONN RING TERM #6 18-22AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL TERM,LUG,RING,6,STUD,22-16AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (AA-220-02X) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP TAPED (AA-222-14XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL 190700006 0.8 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):18-22; Series:RING INSULKRIMP TAPED (AA-220-06XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc. MOLEX INC
|
HI9P508-5 HI9P508-9 HI3-506-5 HI3-508-5 HI3-507-5 |
8-Channel Analog Multiplexer 16-Channel Analog Multiplexer Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 538-0001-7 43; Contact Mating Area Plating: Tin 4-Channel Analog Multiplexer 4通道模拟多路复用
|
Electronic Theatre Controls, Inc. Intersil, Corp.
|
TEA1103T TEA1103TS |
TERM BLOCK 7.5MM VERT 3POS PCB Fast charge ICs for NiCd and NiMH batteries
|
NXP Semiconductors
|
BB-T-337-10T 0192030064 |
VersaKrimp Temp-Term Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 10, VersaKrimp垄芒 Temp-Term Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 10,
|
Molex Electronics Ltd.
|
521-9266 521-9264 521-9265 |
2.5mm x 7mm Discrete LED Rectangular Tinted
|
DIALIGHT[Dialight Corporation]
|
521-9461 521-9450 521-94501 |
5mm Discrete LED 3 Leaded, Non-Tinted, Diffused
|
Dialight Corporation
|