PART |
Description |
Maker |
0312-0-15-80-34-80-10-0 |
0312 - Receptacle With No Tail Accepts .032-.046 diameter leads.
|
Mill-Max Mfg. Corp.
|
0149-0-15-01-30-02-04-0 |
Receptacle With A Standard Tail
|
Mill-Max
|
M80-5T10422M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 4 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
HCPL-T250300 HCPL-T250060 |
FET-OUTPUT OPTOCOUPLER Receptacle With A Standard Tail 场效应管输出光耦合
|
Avago Technologies, Ltd.
|
M80-5T22442M3-03-312-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 24 x 3mm PC Tail signal contacts, 3 x 4.5mm PC Tail Coax contacts
|
HARWIN INC
|
M80-5L210M1-21-334-314 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 10 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts and 1 x 4.5mm PC Tail Coax contact 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
0791077258-17 |
2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm Tail
|
Molex Electronics Ltd.
|
74320-4006 0743204006 |
MicroCross DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, Right Angle, Gold (Au) Flash, 2.79mm (.110) PC Tail Length, Polyester (PCT), MicroCross垄芒 DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, Right Angle, Gold (Au) Flash, 2.79mm (.110") PC Tail Length, Polyester (P
|
Molex Electronics Ltd.
|
79107-7221 |
2.00mm (.079) Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075) Tail Length
|
http://
|
79107-7223 |
2.00mm (.079) Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075) Tail Length
|
http://
|
M80-5T10422M1-04-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 4 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
|