PART |
Description |
Maker |
G6B-1174C-US G6B-1174CUS12VDC G6B-1174CUS24VDC G6B |
Soft-Start Modules; 240 Vac; .04-10 Amp; AC Output IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 Tantalum Molded Capacitor; Capacitance: 3.3uF; Voltage: 20V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 4.7uF; Voltage: 20V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel RESISTOR,1%,6.04K OHM,MTL FILM RELAY SOFTSTART 25A 120VAC ACOUT Analog Input Power Controller Tantalum Molded Capacitor; Capacitance: 22uF; Voltage: 20V; Case Size: 5.8x3.1 mm; Packaging: Tape & Reel 超小型继电器,开关多 Tantalum Molded Capacitor; Capacitance: 33uF; Voltage: 20V; Case Size: 7.3x2.8 mm; Packaging: Tape & Reel 超小型继电器,开关多 FILTER, SSR 3 PHASE 超小型继电器,开关多 Sub-miniature Relay that Switches up to 5 A 超小型继电器,开关多5
|
Omron http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
SB540 SB530 |
5.0Amp Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 5A
|
Cystech Electonics Corp.
|
SP206011 |
Voltage 60V 20.0 Amp Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
2SA20881 2SB11321 2SB11841 2SB1198K1 2SB12601 2SB1 |
Medium power transistor (?60V, ?0.5A) Medium Power Transistor (?32V,?1A) Power Transistor (?60V, ?3A) Low-frequency Transistor (-80V, -0.5A) Power Transistor (?80V, ?1A) Low VCE(sat) Transistor (?20V, ?3A) Power transistor (?20V, ?2A) General purpose amplification (?30V, ?1A) Low frequency amplifier Medium power transistor (−60V, −0.5A)
|
ROHM[Rohm]
|
SBL20U60F |
Voltage 60V,20.0 AMP Low VF Planar MOS Barrier Schottky Rectifier
|
SeCoS Halbleitertechnologie GmbH
|
LT6221CS8PBF LT6221CS8TR LT6221CDDPBF |
Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
LINEAR TECHNOLOGY CORP
|
EUA4890A EUA4890AHIR1 |
Positive Adjustable Voltage Regulator, Low-Dropout Regulator, Small Surface Mount, capable of surviving negative transients up to 20V below ground and positive transient up to 60V 1瓦音频功率放大器 128K x 8, 5V Even-Sectored Flash 1瓦音频功率放大器
|
Eutech Microelectronics, Inc.
|
RTF015P02 |
Power Supply IC; Package/Case:10-MLP; Cap Charger Output Type:Three levels of switch current limit: 1.6, 1.8, 2.0 A; Output Type:Current; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5.5V; Supply Voltage Min:3V RoHS Compliant: Yes DC-DC Converter (20V/ 1.5A) DC-DC Converter (-20V, -1.5A) DC-DC Converter (−20V, −1.5A)
|
Rohm CO.,LTD. ROHM[Rohm]
|
BC445 BC445A |
V(ceo): 60V; V(cbo): 60V; V(ebo): 5V; voltage NPN silicon transistor
|
Motorola
|
GBJ1010 GBJ10005 GBJ1001 GBJ1002 GBJ1004 GBJ1006 G |
Aluminum Polymer SMT Capacitor; Capacitance: 6.8uF; Voltage: 25V; Case Size: 6.3x6 mm; Packaging: Tape & Reel 10 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts Aluminum Polymer SMT Capacitor; Capacitance: 82uF; Voltage: 20V; Case Size: 10x8 mm; Packaging: Tape & Reel 10 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
KE3587-G |
N-channel:VDS=20V ID=4A Drain-Source Voltage Vds 20V
|
TY Semiconductor Co., Ltd
|
PT7A7515 PT7A7513 PT7A7535 PT7A7531 |
MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:67A; On-Resistance, Rds(on):7.9mohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:No; Package/Case:D2PAK; Peak Reflow Compatible (260 C):No RoHS Compliant: No 3.08V Reset Active Low Supervisor 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
|