PART |
Description |
Maker |
LT3973-5-15 LT3973-15 |
42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
|
Linear Technology
|
LM25575 LM25575MH LM25575MHX |
42V, 1.5A Step-Down Switching Regulator
|
http://
|
LT8610AB |
42V, 3.5A Micropower Synchronous Step-Down Regulator
|
Linear Technology
|
LT8610AB |
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
|
Linear Technology
|
LT8607 |
42V, 0.75A Micropower Synchronous Step-Down Regulator
|
Linear Technology
|
LTC3499BEDDTRPBF LTC3499BEDDPBF |
750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1 A SWITCHING REGULATOR, 1400 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp.
|
LTC3499B LTC3499EMS8 LTC3499EDD LTC3499BEDD LTC349 |
750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
|
Linear Technology
|
MP8675DN |
6A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
|
Monolithic Power System...
|
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
S5U2187 |
750mA CMOS Positive Voltage Regulator
|
SeCoS Halbleitertechnologie GmbH
|