PART |
Description |
Maker |
ADUC831BCP ADUC831BS EVAL-ADUC831QSZ |
MicroConverter/ 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU Circular Connector; No. of Contacts:6; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:9; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:9-35 MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU 8-BIT, FLASH, 16.78 MHz, MICROCONTROLLER, PQFP52 LJT 6C 6#22D PIN RECP MicroConverter的,12位ADC2 kBytes为嵌入式闪存MCU数模转换 MicroConverter?, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
|
Analog Devices, Inc.
|
ADUC812 ADUC812BS ADUC81203 EVAL-ADUC812QS EVAL-AD |
8-BIT, FLASH, 11.0592 MHz, MICROCONTROLLER, PQCC56 MicroConverter?, Multichannel 12-Bit ADC with Embedded Flash MCU MicroConverter庐, Multichannel 12-Bit ADC with Embedded Flash MCU
|
ANALOG DEVICES INC
|
ADUC844 ADUC844BCP32-3 ADUC844BCP32-5 ADUC844BCP62 |
MicroConverter/ Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU MicroConverter? 1-Cycle 8052 MCU 24-Bit ADC 16-Bit ADC 12-Bit DAC 62 K-Byte Flash MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
|
AD[Analog Devices]
|
C486FD18 C486FD17 C486FD19 C484CD56 C482FD58 C486F |
8 bit SIPO shift register Bluetooth Class 1 Module 8-bit MCU with single voltage Flash memory, data EEPROM, ADC, 5 timers, SPI Hex bus buffer with 3 state outputs (non inverting) Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 电信提供数据通信 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces 电信提供数据通信 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface 电信提供数据通信 8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI 电信提供数据通信 60W HI-FI DUAL AUDIO DRIVER 电信提供数据通信 ARM7TDMI" 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces 电信提供数据通信 Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces 电信提供数据通信 MONOCHIP TELETEXT AND VPS DECODERWITH 8 INTEGRATED PAGES 电信提供数据通信 STHS4257A, STHS4257A1, STHS4257L, STHS4257L1 电信提供数据通信 Low voltage 16-bit constant current LED sink driver with auto power saving 电信提供数据通信 ARM7TDMI-S™ 32-Bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 电信提供数据通信 Quad bus buffer (3-state) 8-bit MCU, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 8 bit PISO shift register 8-bit microcontroller with 8K Flash/ROM, ADC, 4 timers, SPI, SCI interface 8 channel multiplexer
|
ZETTLER electronics GmbH TE Connectivity, Ltd. SIEMENS AG Yageo, Corp. Glenair, Inc. Silicon Laboratories, Inc. ITT, Corp. Vicor, Corp. C-Media Electronics, Inc. STMicroelectronics N.V. DB Lectro, Inc. Vectron International, Inc. Sumida, Corp.
|
SST89V516RD2-33-I-TQJE SST89V516RD2-33-I-NJE SST89 |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 FlashFlex MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 FlashFlex MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, QCC40 FlashFlex MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 FlashFlex MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44
|
Silicon Storage Technology, Inc.
|
HT68F60 HT68F20 |
(HT68F20 - HT68F60) Enhanced I/O Flash Type MCU 8-Bit MCU
|
Holtek Semiconductor
|
STR731FV0T6 STR731FV0T7 STR731FV1T6 STR731FV1T7 ST |
32-BIT, FLASH, 36 MHz, RISC MICROCONTROLLER, PQFP100 ARM7TDMI⑩ 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
|
STMicroelectronics
|
HT66F201109 |
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
HT68F50 HT68F40 HT68F20 HT68F30 HT68F60 |
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
Z8F0812PJ020EC Z8F0422PJ020SC Z8F0411PH020EC |
IC ENCORE MCU FLASH 8K 28DIP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP28 IC ENCORE MCU FLASH 4K 28DIP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP28 IC ENCORE MCU FLASH 4K 20DIP
|
ZiLOG, Inc. ZILOG INC
|
BUT76 BUT76A |
Silicon NPN Power Transistors 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI" 晶体管|晶体管|叩| 450V五(巴西)总裁| 12A条一(c)|20 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI"
|
Vishay Telefunken STMicroelectronics N.V.
|
AT89C51RE2-SLSEM AT89C51RE2-SLSUM |
MCU 8BIT FLASH 2.7-5.5V 44-PLCC 8-BIT, FLASH, 60 MHz, MICROCONTROLLER, PQCC44 8-bit Flash Microcontroller
|
Atmel, Corp. ATMEL Corporation
|
|