PART |
Description |
Maker |
LED1200-35M32 |
Stem type LED with high output powe
|
List of Unclassifed Manufacturers
|
BCM8220 |
2.488/ 2.667 GBPS ULTRA LOW POWE SONET/SDH TRANSCEIVER
|
BOARDCOM[Broadcom Corporation.]
|
STA9K9.1P STA9K7.5P STA9K8.2P |
9000 WATTS PEAK PULSE POWE 7.5-100 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
Solid States Devices, Inc. SSDI[Solid States Devices, Inc]
|
SM12CXC220 SM34CXC614 SM36CXC604 SM38CXC624 SM38CX |
860 A, 1200 V, SILICON, RECTIFIER DIODE 1160 A, 3400 V, SILICON, RECTIFIER DIODE 1010 A, 3600 V, SILICON, RECTIFIER DIODE 1106 A, 3800 V, SILICON, RECTIFIER DIODE 2640 A, 3800 V, SILICON, RECTIFIER DIODE 1106 A, 3400 V, SILICON, RECTIFIER DIODE 435 A, 1500 V, SILICON, RECTIFIER DIODE 440 A, 600 V, SILICON, RECTIFIER DIODE 1160 A, 3800 V, SILICON, RECTIFIER DIODE 1160 A, 4200 V, SILICON, RECTIFIER DIODE 940 A, 800 V, SILICON, RECTIFIER DIODE 940 A, 1800 V, SILICON, RECTIFIER DIODE 940 A, 400 V, SILICON, RECTIFIER DIODE 940 A, 1000 V, SILICON, RECTIFIER DIODE 940 A, 600 V, SILICON, RECTIFIER DIODE 940 A, 1600 V, SILICON, RECTIFIER DIODE 1106 A, 4000 V, SILICON, RECTIFIER DIODE 310 A, 2600 V, SILICON, RECTIFIER DIODE 370 A, 2600 V, SILICON, RECTIFIER DIODE 2700 A, 2600 V, SILICON, RECTIFIER DIODE 860 A, 1400 V, SILICON, RECTIFIER DIODE 440 A, 400 V, SILICON, RECTIFIER DIODE 440 A, 800 V, SILICON, RECTIFIER DIODE 435 A, 1600 V, SILICON, RECTIFIER DIODE 435 A, 1800 V, SILICON, RECTIFIER DIODE 527 A, 3200 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
RBU801M RBU801M10 RBU804M RBU805M RBU806M RBU801M- |
8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
DSEP2X31-03A DSEP2X31-04A DSEP2X31-12A DSEP2X31-06 |
30 A, 300 V, SILICON, RECTIFIER DIODE MINIBLOC-4 30 A, 400 V, SILICON, RECTIFIER DIODE MINIBLOC-4 30 A, 1200 V, SILICON, RECTIFIER DIODE MINIBLOC-4 30 A, 600 V, SILICON, RECTIFIER DIODE MINIBLOC-4 60 A, 1200 V, SILICON, RECTIFIER DIODE MINIBLOC-4 HiPerFREDTM Epitaxial Diode with soft recovery 30 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AC Versatile Miniature Switch, High Performance
|
IXYS, Corp. IXYS CORP
|
1N957B 1N959B 1N963B 1N962B 1N960B 1N958B 1N961B |
Silicon Z-Diodes(绋冲??靛?10V锛?ǔ瀹??娴?0mA???榻?撼浜??绠? Silicon Z-Diodes(稳定电压9.1V,稳定电0mA的硅齐纳二极 Silicon Z-Diodes(稳定电压7.5V,稳定电0mA的硅齐纳二极 From old datasheet system Silicon Z?Diodes
|
Vishay Intertechnology,Inc. TFUNK[Vishay Telefunken]
|
SZ5706 SZ5740 SZ5740KS SZ5110 SZ5706-1 SZ5709K SZ5 |
6.8 ?270 VOLTS ZENER DIODES 40 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.0 WATT 6.8 ?270 VOLTS ZENER DIODES 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 190 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 200 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 45 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 220 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 170 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 75 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Solid States Devices, Inc SOLID STATE DEVICES INC Solid States Devices, I...
|
|