PART |
Description |
Maker |
2SB798 2SB798-T2 2SB798-T1 2SB794L 2SB798DK-AZ 2SB |
1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR MINIMOLD PACKAGE-3 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1.5A I(C) | TO-126 PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD Silicon transistor
|
IRC Advanced Film NEC[NEC]
|
2SA1742 2SA1742K 2SA1742-K |
7 A, 60 V, PNP, Si, POWER TRANSISTOR Silicon powor transistor PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC[NEC]
|
2N2904 JANTX2N2905A JAN2N2904 JAN2N2905 2N2904A 2N |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP Transistor PNP SWITCHING SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 3 Pin 1.5A Fixed 12V Positive Voltage Regulator 3-TO-220 0 to 125 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
MICROSEMI CORP-LAWRENCE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
MSB92T1G |
PNP Silicon General Purpose High Voltage Transistor SS SC59 HV XSTR PNP 300V 150 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
KSB1149 KSB1149OS KSB1149OSTU KSB1149YS KSB1149YST |
PNP Silicon Darlington Transistor PNP Epitaxial Silicon Transistor Low Collector Saturation Voltage Built-in Damper Diode at E-C
|
FAIRCHILD[Fairchild Semiconductor]
|
2SA812 2SA812M6 2SA812M4 2SA812M5 2SA812M7 2SB812- |
Silicon transistor AUDIO FREQUENCY,GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD AUDIO FREQUENCY/GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 100MA I(C) | SOT-346
|
NEC
|
2SB601 2SB601-Z 2SB601-S 2SB601L 2SB601M 2SB601K |
TRANSISTOR | BJT | DARLINGTON | PNP | 100V V(BR)CEO | 5A I(C) | TO-220AB PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING Silicon transistor
|
NEC Corp. NEC[NEC]
|
2SA1262 |
Silicon PNP Transistor Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
|
Sanken electric
|
ZXT13P12DE6 ZXT13P12DE6TA ZXT13P12DE6TC |
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR 4000 mA, 12 V, PNP, Si, SMALL SIGNAL TRANSISTOR 4000 mA, 12 V, PNP, Si, SMALL SIGNAL TRANSISTOR SOT-23, 6 PIN PNP Low Sat Transistor
|
Zetex Semiconductor PLC Diodes, Inc. Diodes Incorporated ZETEX[Zetex Semiconductors]
|
2SD414 2SD415 2SB548 2SB549 2SD414Q 2SD414Q-AZ |
800 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR PNP/NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS (2SB548) PNP/NPN Silicon Epitaxial Transistor
|
NEC[NEC]
|