PART |
Description |
Maker |
G20FP |
20kV 10mA HIGH VOLTAGE DIODES
|
getedz electronics
|
2CL77 |
5mA 20kV HIGH VOLTAGE DIODES
|
getedz electronics
|
2CL2FL |
15kV 100mA HIGH VOLTAGE DIODE
|
getedz electronics
|
2CL2H |
12kV 100mA HIGH VOLTAGE DIODE
|
getedz electronics
|
2SC4630LS |
NPN Triple Diffused Planar Silicon Transistor 900V / 100mA High-Voltage Amplifier, High-Voltage Switching Applications 900V/100mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
JB99T |
20mA 20kV HIGH VOLTAGE, SILICON RECTIFIER DIODES
|
GETAI ELECTRONICS DEVIC...
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
LTC3631EMS8E-3.3-PBF LTC3631EMS8E-3.3-TRPBF LTC363 |
High Effi ciency, High Voltage 100mA Synchronous Step-Down Converter
|
Linear Technology
|
HVC08R |
(HVC Series) 100mA High Voltage Silicon Rectifiers
|
International Semiconductor
|
MC78L05ACDR2G P6SMB15AT3 MC33202DMR2G |
100mA, 5V, Positive Voltage Regulator High Power Transient Suppressor Low Voltage, Rail-to-Rail, Dual Operational Amplifier
|
ON Semiconductor
|
|