PART |
Description |
Maker |
LTC1164-8 LTC1164-8CN LTC1164-8CSW 11648FA |
Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain SWITCHED CAPACITOR FILTER, ELLIPTIC, BANDPASS, PDSO16 From old datasheet system Ultraselective/ Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. LINER[Linear Technology]
|
X7256D B39570-X7256-N201 |
1 FUNCTIONS, 57.08 MHz, SAW-VIDEO/SOUND FILTER SAW Components Bandpass Filter
|
EPCOS AG
|
TMXW348 |
SAW Bandpass Filter - US PCS Tx - RF 1 FUNCTIONS, 1880 MHz, SAW FILTER
|
Rakon France SAS TEMEX
|
FAR-F3DA-44M736-G999 FAR-F1DA FAR-F1DA-12M624-G201 |
TIMING EXTRACTION BANDPASS FILTER (1.5 to 100MHz) BAND PASS FILTER Octal D-type Transparent Latches with 3-state Outputs 20-SOIC 0 to 70 定时提取带通滤波器1.5100MHz Octal D-type Transparent Latches with 3-state Outputs 20-SOIC 0 to 70 定时提取带通滤波器.500MHz TIMING EXTRACTION BANDPASS FILTER (1.5 to 100MHz) 定时提取带通滤波器1.5100MHz TIMING EXTRACTION BANDPASS FILTER (1.5 to 100MHz) 定时提取带通滤波器.500MHz DIODE SMALL-SIGNAL 75V 300MA AXIAL DO-35 定时提取带通滤波器.500MHz Octal D-type Transparent Latches with 3-state Outputs 20-PDIP 0 to 70 900301001 DIODE SWITCHING SINGLE 75V 150mA-Io 500mW 4ns-trr DO35-GLASS 10K/REEL-13 MAC7111 EXT BUS,16CH A/D DIODE SWITCHING SINGLE 75V 150mA-Io 500mW 4ns-trr DO35-GLASS 10K/AMMO RECTIFIER STANDARD SINGLE 1A 1000V 1000 30A-ifsm 5uA-ir 1V-vf DO-41 5K/REEL-13 Timing extraction bandpass filter (1,5 to 100MHz)
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
B6020 B6019 BX6031 |
Home Phone Networking Bandpass Filter (SMT) for Broadcom's iLine 10 Chipset (1/02) I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR 1 FUNCTIONS, TIP/RING FILTER
|
PULSE ELECTRONICS CORP
|
XF6007A |
BANDPASS FILTER
|
XFMRS Inc.
|
201168B |
SAW Bandpass Filter
|
Integrated Technology Future
|
203309B |
SAW Bandpass Filter
|
Integrated Technology Futur...
|
F4472 |
RF bandpass filter
|
Integrated Technology F...
|
260951B |
SAW Bandpass Filter
|
Integrated Technology Future
|
2785 |
Bandpass Filter
|
KR Electronics, Inc.
|