PART |
Description |
Maker |
HIP5061 HIP5061DS |
7A/ High Efficiency Current Mode Controlled PWM Regulator
|
Intersil Corporation
|
SP6652ER SP6652_07 SP6652 SP6652ER_TR SP6652ER-L S |
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator High Efficiency Synchronous Step-Down Converter
|
SIPEX[Sipex Corporation]
|
TBA40-11EGWA TBA40-12EGWA TC40-11YWA TA40-11EWA TA |
The High Efficiency Red Source color Devices 5X7 DOT MATRIX DISPLAY, HIGH EFFICIENCY RED/GREEN, 101.6 mm
|
Kingbright, Corp. Kingbright Corporation. KINGBRIGHT[Kingbright Corporation] Kingbright Electronic
|
RN5RK1A RN5RK301A RN5RK301A-TL RN5RK301A-TR RN5RK3 |
VFM step-up DC/DC converter. Output voltage 3.2V. Internal Lx Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. EXternal Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 55%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.3V. EXternal Tr. driver. Duty cycle 77%. Standard taping type TR VFM Set-up DC/DC Converter SOT-23-5 VFM STEP-UP DC/DC CONVERTER VFM step-up DC/DC converter. Output voltage 3.3V. EXternal Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 55%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. EXternal Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.2V. Internal Lx Tr. driver. Duty cycle 77%. Taping type TL
|
RICOH[RICOH electronics devices division]
|
LTC3727EG LTC3727EUH-1 LTC3727EG-1 LTC3727 LTC3727 |
From old datasheet system High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
MUR360 MUR340 |
From old datasheet system Plastic High-Efficiency Rectifiers (Reverse Voltage 400 to 600V Forward Current 3.0A) (MUR340 / MUR360) Plastic High-Efficiency Rectifiers
|
List of Unclassifed Manufacturers ETC[ETC] SIYU Electronic Theatre Controls, Inc.
|
MAX747 MAX747C_D MAX747CPD MAX747CSD MAX747EPD MAX |
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller High-Efficiency PWM Step-Down P-Channel DC-DC Controller High-Efficiency PWM / Step-Down P-Channel DC-DC Controller Parallel-Load 8-Bit Shift Registers 16-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
CS3972YTVA5 CS3972YTHA5 CS3972 CS3972YDW16 CS3972Y |
1.25A High Efficiency Switching Regulator 5V/ 750mA Linear Regulator with RESET RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics Corporation
|
TPCA8014-H TPCA8014-H06 |
High-Efficiency DC拢炉DC Converter Applications High-Efficiency DC/DC Converter Applications 30 A, 40 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Toshiba Semiconductor
|
MV5364X HLMP-1523 MV5464X_HLMP-15X3 HLMP1301 MV536 |
Yellow T-1 Solid State Lamp High Efficiency Red T-1 Solid State Lamp High Efficiency Green T-1 Solid State Lamp High Efficiency Red Diffused T-100 Solid State Lamp High Efficiency Green Diffused T-100 Solid State Lamp Yellow Diffused T-100 Solid State Lamp Standard Red T-1 Solid State Lamp GENERAL PURPOSE VISIBLE DOME-STYLE SERVSWITCH DVI KVM CABLE W/ QUAD HEAD VIDEO 6FT. DIFFUSED T-100 SOLID STATE LAMPS T-1 SINGLE COLOR LED, YELLOW, 3 mm
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|